Electronic Components Datasheet Search
  English  ▼

X  

5SY4-404-8 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # 5SY4-404-8
Description  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-404-8 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button 5SY4-404-8 Datasheet HTML 10Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 11Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 12Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 13Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 14Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 15Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 16Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 17Page - Siemens Semiconductor Group 5SY4-404-8 Datasheet HTML 18Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Description
2/14
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Selectivity of MCBs/circuit-breakers
Under short-circuit conditions,
selectivity is provided between
the MCBs and circuit-breakers
according to IEC 60 947-2 and
DIN VDE 0660 Part 101
up to the specified values in kA.
Limit values of the MCBs/circuit-breakers
selectivity in kA
Downstream MCBs
Upstream circuit-breakers
3VF3
3VF3
adjustable
fixed setting
In [A]
50
63
80
100
125
160
50
63
80
100
125
160
I >[A]
500
630
800
1 000
1 250
1 600
400
500
630
800
1 000
1 280
Icn
[kA]
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
Selectivity limits [kA]1)
5SX2/5SX4
Characteristic A
2
6
6
6
6
6
6
6
6
6
6
6
6
6
6
10
30
6
1.6
4.7
6
6
6
6
2.5
4
4
4.5
4.9
6
16
48
6
1.4
4.7
6
6
6
6
2.3
3.7
3.7
4.4
5
6
32
96
6
1.2
3.6
4.6
6
6
6
1.8
3
3
3.5
3.7
6
40
120
6
1
2.5
3.1
6
6
6
1.5
2
2
2.4
2.7
3.2
Characteristic B
6
30 6/10
2.1
6/10
6/10
6/10
6/10
6/10
3.2
6/10
6/9.7
6/10
6/10
6/10
10
50 6/10
1.8
6/6.6
6/10
6/10
6/10
6/10
2.5
6/6.2
4.8
6/6.2
6/6.5
6/10
13
65 6/10
1.6
5.1
8.2
6/10
6/10
6/10
2.3
4.6
3.8
4.6
5.1
6/8.9
16
80 6/10
1.6
5.1
8.2
6/10
6/10
6/10
2.3
4.6
3.8
4.6
5.1
6/8.9
20
100 6/10
1.6
5.1
8.2
6/10
6/10
6/10
2.3
4.6
3.8
4.6
5.1
6/8.9
25
125 6/10
1.4
3.5
4.6
5.5
6
6/10
2.1
3.4
3
3.4
3.7
5.2
32
160 6/10
1.4
3.5
4.6
5.5
6
6/10
2.1
3.4
3
3.4
3.7
5.2
40
200 6/10
1.3
2.4
2.8
3.3
4.5
6.7
1.8
2.3
2.2
2.4
2.7
3.6
50
250 6/10
-
2.4
2.8
3.3
4.3
5.8
-
2.3
2.2
2.4
2.7
3.6
Characteristic C
0.5
5 6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
110 6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
1.5
15 6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
220 6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
6/10
330 6/10
1.9
6/9.5
6/10
6/10
6/10
6/10
2.5
6/8.2
6/6.3
6/8.2
6/8.6
6/10
440 6/10
1.9
6/9.5
6/10
6/10
6/10
6/10
2.5
6/8.2
6/6.3
6/8.2
6/8.6
6/10
660 6/10
1.9
6/9.5
6/10
6/10
6/10
6/10
2.5
6/8.2
6/6.3
6/8.2
6/8.6
6/10
880 6/10
1.7
4.2
6/7.9
6/10
6/10
6/10
2.3
3.7
3.8
3.8
4.6
6/9.4
10
100 6/10
1.7
4.2
6/7.9
6/10
6/10
6/10
2.3
3.7
3.8
3.8
4.6
6/9.4
13
130 6/10
1.5
4.2
5.5
6/10
6/10
6/10
2.1
3.7
3.8
3.8
4.4
6/7.5
16
160 6/10
1.5
4.2
5.5
6/10
6/10
6/10
2.1
3.7
3.8
3.8
4.4
6/7.5
20
200 6/10
1.5
4.2
5.5
6/10
6/10
6/10
2.1
3.7
3.8
3.8
4.4
6/7.5
25
250 6/10
1.1
3.4
4.5
5.4
5.7
6/8.8
1.9
3
3
3
3.6
4.9
32
320 6/10
1.1
3.4
4.5
5.4
5.7
6/8.8
1.9
3
3
3
3.6
4.9
40
400 6/10
0.9
2.2
2.6
2.8
3.1
4.8
1.4
2.1
2.2
2.2
2.3
2.9
50
500 6/10
-
2.1
2.5
2.8
3.1
4.8
-
-
2.1
2.1
2.2
2.9
Characteristic D
2
40
6
2.4
6
6
6
6
6
4.2
6
6
6
6
6
6
120
6
1.4
4.2
4.8
6
6
6
2.3
4.1
4.2
4.2
4.3
6
10
200
6
1.3
3.9
5.5
6
6
6
1.9
3.7
3.7
3.7
4
6
16
320
6
1.1
3.5
4.2
4.9
6
6
1.7
3.3
3.7
3.3
3.5
4.7
32
640
6
-
-
3.3
3.9
4.2
6
-
-
-
2.4
2.7
3.7
40
800
6
-
-
-
3.1
3.3
4.9
-
-
-
-
1.5
3
50
1,000
6
-
-
-
-
2.9
4.8
-
-
-
-
-
2.6
5SP4
Characteristic C
80
800
10
-
-
-
1.5
1.5
2.5
-
-
-
-
1.2
1.5
100
1,000
10
-
-
-
-
1.5
2
-
-
-
-
-
1.5
Characteristic D
80
1,600
10
-
-
-
-
-
-
-
-
-
-
-
-
100
1,200
10
-
-
-
-
-
-
-
-
-
-
-
-
Further values for 5SP4 and 5SY on request.
1) In 240/415 V, 50 Hz, the selectivity limits must be reduced by 10 %.
The selectivity limits are valid for adjustable releases for the maximum value, In = rated current.
I > = Tripping current.
i21_01.fm Seite 14 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com