Electronic Components Datasheet Search
  English  ▼

X  

C8051F061 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F061
Description  25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F061 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F061 Datasheet HTML 1Page - Silicon Laboratories C8051F061 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAN 2.0B
Copyright © 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F061
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Supply Voltage
2.7
3.6
V
Supply Current (CPU
active)
Clock = 25 MHz
Clock = 1 MHz
Clock = 32 kHz; VDD Monitor Enabled
18
0.7
20
mA
mA
µA
Supply Current
(shutdown)
Oscillator not running; VDD Monitor
Disabled
0.1
µA
Clock Frequency Range
DC
25
MHz
16-BIT A/D CONVERTERS
Resolution
16
bits
Integral Nonlinearity
Single-ended Mode
Differential Mode
±0.75
±0.50
±2
±1
LSB
LSB
Differential Nonlinearity
Guaranteed Monotonic
±0.5
±1
LSB
Signal-to-Noise Plus
Distortion
Fin = 10 kHz, Single-ended
Fin = 10 kHz, Differential
86
89
dB
dB
Total Harmonic Distortion
Fin = 10 kHz, Single-ended
Fin = 10 kHz, Differential
96
103
dB
dB
Spurious-Free Dynamic
Range
Fin = 10 kHz, Single-ended
Fin = 10 kHz, Differential
97
104
dB
dB
Throughput Rate
1
Msps
Input Voltage Range
Single-ended (AINn–AINnG)
Differential (AIN0–AIN1)
0
–VREF
VREF
VREF
V
V
Power Supply Current
(each ADC)
Operating Mode, 1 Msps
(AVDD + AV+)
Shutdown Mode
5.5
1
mA
µA
D/A CONVERTERS
Resolution
12
LSB
Differential Nonlinearity
±1
LSB
Output Settling Time
10
µs
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
0.95
0.17
-
-
-
-
-
-
-
-
0.22
12.00
10.00
0.50
12.00
10.00
1.20
0.15
1.05
0.27
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
1
64
E
E1
e
A1
b
D
D1
PIN 1
DESIGNATOR
A2
A
C8051F060DK Development Kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com