Electronic Components Datasheet Search
  English  ▼

X  

HT36FA Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT36FA
Description  Music Synthesizer 8-Bit MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36FA Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT36FA Datasheet HTML 10Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 11Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 12Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 13Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 14Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 15Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 16Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 17Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
HT36FA
Rev. 1.10
14
March 13, 2006
M
U
X
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e I / O
R e a d I / O
S y s t e m W a k e - U p
W e a k
P u l l - u p
M a s k O p t i o n
V D D
V D D
I / O L i n e
D
Q
C K
S
Q
D
Q
C K
S
Q
C o n t r o l B i t
D a t a B i t
Input/Output Ports
Channel Wavetable Synthesizer
Name
Function
D7
D6
D5
D4
D3
D2
D1
D0
1DH
DAC high byte (no default value)
DA15
DA14
DA13
DA12
DA11
DA10
DA9
DA8
1EH
DAC low byte (no default value)
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1FH
DAON=1: DAC ON
DAON=0: DAC OFF (default)
SELW=1: DAC data from wavetable
SELW=0: DAC data from MCU
¾¾¾¾¾
Left
DAON
SELW
Right
20H
Channel number selection
VM
FR
CH1
CH0
21H
High byte frequency number
BL3
BL2
BL1
BL0
FR11
FR10
FR9
FR8
22H
Low byte frequency number
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
23H
High byte start address
ST15
ST14
ST13
ST12
ST11
ST10
ST9
ST8
24H
Low byte start address
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
25H
Wave bit select,
High byte repeat number
WBS
RE12
RE11
RE10
RE9
RE8
26H
Low byte repeat number
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
27H
Envelope control,
Volume control
A_R
VL9
VL8
VR9
VR8
28H
Unused
29H
Left Volume control
VL7
VL6
VL5
VL4
VL3
VL2
VL1
VL0
2AH
Right Volume control
VR7
VR6
VR5
VR4
VR3
VR2
VR1
VR0
2BH~2FH
Unused
30H~FFH
Data memory (RAM)
General purpose data memory (same as 8-Bit MCU)
Memory Map (1DH~FFH) Register
Note:
²¾² No function, read only, read as ²0².
Unused: No function, read only, read as
²0².
· CH1~CH0 channel number selection
The HT36FA has a built-in 8 output channels and
CH1~CH0 is used to define which channel is selected.
When this register is written to, the wavetable synthe-
sizer will automatically output the dedicated PCM
code. So this register is also used as a start playing
key and it has to be written to after all the other
wavetable function registers are already defined.
· Change parameter selection
These two bits, VM and FR, are used to define which
register will be updated on this selected channel.
There are two modes that can be selected to reduce
the process of setting the register. Please refer to the
statements of the following table:
VM
FR
Function
0
0
Update all the parameter
0
1
Only update the frequency number
1
0
Only update the volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com