Electronic Components Datasheet Search
  English  ▼

X  

C8051F331 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F331
Description  25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F331 Datasheet HTML 1Page - Silicon Laboratories C8051F331 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small Form Factor
Copyright © 2005 by Silicon Laboratories
5.5.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F331
25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Supply Voltage
2.7
3.6
V
Supply Current with
CPU active
Clock = 25 MHz
Clock = 1 MHz
Clock = 80 kHz; VDD Monitor Disabled
Clock = 32 kHz; VDD Monitor Disabled
6.4
0.36
20
9
mA
mA
µA
µA
Supply Current (shutdown)
Oscillator off; VDD Monitor Disabled
<0.1
µA
Clock Frequency Range
DC
25
MHz
INTERNAL OSCILLATORS
Frequency (OSC0)
24.0
24.5
25.0
MHz
Frequency (OSC1)
Note 1
80
kHz
COMPARATOR
Response Time Mode0
(CP+) – (CP-) = 100 mV
0.1
µs
Current Consumption Mode0
7.6
µA
Response Time Mode1
(CP+) – (CP-) = 100 mV
0.18
µs
Current Consumption Mode1
3.2
µA
Response Time Mode2
(CP+) – (CP-) = 100 mV
0.32
µs
Current Consumption Mode2
1.3
µA
Response Time Mode3
(CP+) – (CP-) = 100 mV
1
µs
Current Consumption Mode3
0.4
µA
Note 1: OSC1 can be calibrated in 2.5% steps using an internal calibration register.
Package Information
1
D
e
R
L
Bottom View
Side View
2
3
5
15
14
12
11
D2
13
D2
2
4 x e
DETAIL 1
DETAIL 1
AA
CC
4
MM
0.80
0.90
1.00
A
MIN
TYP
MAX
0
0.02
0.05
A1
0
0.65
1.00
A2
0.25
A3
0.18
0.23
0.30
b
4.00
D
2.00
2.15
2.35
D2
0.435
AA
0.435
BB
4.00
E
E2
0.5
e
0.18
CC
0.45
0.55
0.65
L
20
N
0.09
R
5
ND
5
NE
0.18
DD
2.00
2.15
2.35
C8051F330DK Development Kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com