Electronic Components Datasheet Search
  English  ▼

X  

AD4C113 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD4C113
Description  1 Form A/1 Form B Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C113 Datasheet(HTML) 1 Page - Solid State Optronic

  AD4C113 Datasheet HTML 1Page - Solid State Optronic AD4C113 Datasheet HTML 2Page - Solid State Optronic AD4C113 Datasheet HTML 3Page - Solid State Optronic AD4C113 Datasheet HTML 4Page - Solid State Optronic AD4C113 Datasheet HTML 5Page - Solid State Optronic AD4C113 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AD4C113
1 Form A/1 Form B
Solid State Relay
The AD4C113 is composed of two isolated relays; one normally open and one normally closed. Each relay has a bi-directional, single-
pole, single-throw contact. Completely independent of its counterpart, each consists of an LED driver that activates an integrated circuit,
which in turn drives a pair of DMOS transistors. These transistors are protected with free-wheeling diodes that can handle up to 1.5A of
inrush current, making the relay ideal for switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
1 Form A / 1 Form B integrated in 1 package
•
Low input control power consumption (2.5mA TYP)
•
120mA maximum continuous load current
•
35 ohms maximum on-resistance (Form A)
•
35 ohms maximum on-resistance (Form B)
•
High Input - Output Isolation
•
Long life/high reliability
•
Reed relay replacement
•
Meter reading systems
•
Medical equipment
•
Battery monitoring
•
Multiplexers
•
Surface Mount Option
• -S
Tape and Reel Option
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT CERTIFICATE #607836:
BS EN 60950, BS EN 41003, BS EN 60065
•
CSA CERTIFICATE #LR111581-1
•
UL FILE #E90096
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 6
AD4C113
rev 1.40 (10/25/2004)


Similar Part No. - AD4C113

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD4C113 SOLIDSTATE-AD4C113 Datasheet
364Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
Low Input Control Current (1.5mA TYP)
More results

Similar Description - AD4C113

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
1 Form B Solid State Relay
17-August-01
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
1 Form B Solid State Relay
20-May-11
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
1 Form B Solid State Relay
20-May-11
LH1501BA VISHAY-LH1501BA Datasheet
184Kb / 6P
1 Form B Solid State Relay
13-Oct-2020
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
1 Form B Solid State Relay
13-Oct-2020
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
1 Form B Solid State Relay
13-Oct-2020
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
1 Form B Solid State Relay
13-Oct-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com