Electronic Components Datasheet Search
  English  ▼

X  

AD6C211 Datasheet(PDF) 2 Page - Solid State Optronic

Part # AD6C211
Description  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C211 Datasheet(HTML) 2 Page - Solid State Optronic

  AD6C211 Datasheet HTML 1Page - Solid State Optronic AD6C211 Datasheet HTML 2Page - Solid State Optronic AD6C211 Datasheet HTML 3Page - Solid State Optronic AD6C211 Datasheet HTML 4Page - Solid State Optronic AD6C211 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD6C211
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
1.5
5
Io = 150mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
150
If = 5mA
A
On-Resistance
Ω
16
20
Io = 150mA
Leakage Current
µ
0.2
1
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Turn-On Time
m
0.5
1
If = 5mA, Io = 150mA
s
Turn-Off Time
m
0.1
0.5
If = 5mA, Io = 150mA
s
Isolation Resistance
G
100
Ω
Coupled Capacitance
p
3
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 5
AD6C211
rev 1.40 (10/25/2004)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com