Electronic Components Datasheet Search
  English  ▼

X  

MA3036 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3036
Description  Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3036 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3036 Datasheet HTML 1Page - Panasonic Semiconductor MA3036 Datasheet HTML 2Page - Panasonic Semiconductor MA3036 Datasheet HTML 3Page - Panasonic Semiconductor MA3036 Datasheet HTML 4Page - Panasonic Semiconductor MA3036 Datasheet HTML 5Page - Panasonic Semiconductor MA3036 Datasheet HTML 6Page - Panasonic Semiconductor MA3036 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
395
Zener Diodes
MAZ3020
1.88
2.0
2.12
0.5 120

5
100
 −3.5 −1.5 0

MAZ3022
2.08
2.2
2.32
0.7 120

5
100
 −3.5 −1.5 0

MAZ3024
2.28
2.4
2.60
1
120

5
100
 −3.5 −1.6 0

MAZ3027
2.50
2.7
2.90
MAZ3027-L
2.50
2.6
2.75
1
120

5
110
 −3.5 −2.0 0

MAZ3027-H
2.65
2.8
2.90
MAZ3030
2.80
3.0
3.20
MAZ3030-L
2.80
2.9
3.05
1
50

5
120
 −3.5 −2.1 0

MAZ3030-H
2.95
3.1
3.20
MAZ3033
3.10
3.3
3.50
MAZ3033-L
3.10
3.2
3.35
1
20

5
130
 −3.5 −2.4 0

MAZ3033-H
3.25
3.4
3.50
MAZ3036
3.40
3.6
3.80
MAZ3036-L
3.40
3.5
3.65
1
10

5
130
 −3.5 −2.4 0

MAZ3036-H
3.55
3.7
3.80
MAZ3039
3.70
3.9
4.10
MAZ3039-L
3.70
3.8
3.97
1
10

5
130
 −3.5 −2.5 0

MAZ3039-H
3.87
4.0
4.10
MAZ3043
4.00
4.3
4.60
MAZ3043-L
4.03
4.1
4.26
110

5
130
 −3.5 −2.5 0

MAZ3043-M
4.17
4.3
4.40
MAZ3043-H
4.31
4.4
4.54
MAZ3047
4.4
4.7
5.0
MAZ3047-L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180
MAZ3047-M
4.59
4.7
4.83
MAZ3047-H
4.74
4.9
4.99
MAZ3051
4.8
5.1
5.4
MAZ3051-L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 −0.8 1.2 110 160
MAZ3051-M
5.0
5.1
5.26
MAZ3051-H
5.14
5.3
5.4
MAZ3056
5.3
5.6
6.0
MAZ3056-L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140
MAZ3056-M
5.48
5.6
5.76
MAZ3056-H
5.66
5.8
5.95
MAZ3062
5.8
6.2
6.6
5.3
MAZ3062-L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
MAZ3062-M
6.05
6.2
6.36
5.5
MAZ3062-H
6.24
6.4
6.56
5.7
MAZ3068
6.4
6.8
7.2
5.9
MAZ3068-L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
MAZ3068-M
6.64
6.8
6.98
6.1
MAZ3068-H
6.85
7.0
7.2
6.3
MAZ3075
7.0
7.5
7.9
6.5
MAZ3075-L
7.07
7.3
7.43
51
6.5
60
6
15
0.5 120 2.5
4
5.3
80 100
MAZ3075-M
7.29
7.5
7.67
6.7
MAZ3075-H
7.51
7.7
7.89
7.0
MAZ3082
7.7
8.2
8.7
7.2
MAZ3082-L
7.77
7.9
8.17
5
0.5
7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
MAZ3082-M
8.03
8.2
8.43
7.5
MAZ3082-H
8.29
8.5
8.7
7.7
I Electrical characteristics within part numbers T
a
= 25°C
•V
Z = 2.0 V to 8.2 V (IZ = 5 mA)
Part Number
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ3000 Series
2.0
2.2
2.4
2.7L or 2.7H
2.7L
2.7H
3.0L or 3.0H
3.0L
3.0H
3.3L or 3.3H
3.3L
3.3H
3.6L or 3.6H
3.6L
3.6H
3.9L or 3.9H
3.9L
3.9H
4.3L or 4.3M or 4.3H
4.3L
4.3M
4.3H
4.7L or 4.7M or 4.7H
4.7L
4.7M
4.7H
5.1L or 5.1M or 5.1H
5.1L
5.1M
5.1H
5.6L or 5.6M or 5.6H
5.6L
5.6M
5.6H
6.2L or 6.2M or 6.2H
6.2L
6.2M
6.2H
6.8L or 6.8M or 6.8H
6.8L
6.8M
6.8H
7.5L or 7.5M or 7.5H
7.5L
7.5M
7.5H
8.2L or 8.2M or 8.2H
8.2L
8.2M
8.2H
Temperature
coefficient of
zener voltage
Terminal
capacitance
Marking Symbol
Operating
resistance
Zener voltage
Reverse current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com