Electronic Components Datasheet Search
  English  ▼

X  

M221 Datasheet(PDF) 1 Page - Solid State Optronic

Part # M221
Description  1 Form A Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M221 Datasheet(HTML) 1 Page - Solid State Optronic

  M221 Datasheet HTML 1Page - Solid State Optronic M221 Datasheet HTML 2Page - Solid State Optronic M221 Datasheet HTML 3Page - Solid State Optronic M221 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M221
1 Form A
Solid State Relay
The M221 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline
package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated
circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The output
MOS transistors are protected with free-wheeling diodes that can handle up to 5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation
•
Low input control power consumption
•
140mA maximum continuous load current
•
20 ohms maximum on-resistance
•
Long life/high reliability
•
Ultra miniature 4-pin small outline package
•
Telecom switching
•
Tip/Ring control
•
PCMCIA modules
•
Multiplexers
•
Meter reading systems
•
Data acquisition
•
Medical equipment
•
Battery monitoring
•
Home/Safety security systems
•
Tape and Reel
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
400
IC
+ Input
- Input
Load
Load
3
4
2
1
BABT CERTIFICATE #650192:
BS EN 60950, BS EN 41003, BS EN 60065
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - M221

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
M221 SOLIDSTATE-M221 Datasheet
188Kb / 5P
Ultra miniature 4-pin small outline package
rev 1.41
logo
Solid State Optronic
M221-L SSOUSA-M221-L Datasheet
165Kb / 5P
1 Form A Solid State Relay
logo
Solid State Inc
M221-L SOLIDSTATE-M221-L Datasheet
177Kb / 5P
Transient ov er current protection (170mA TYP)
rev 1.41
logo
Solid State Optronic
M221-L SSOUSA-M221-L_15 Datasheet
177Kb / 5P
Transient ov ??er current protection (170mA TYP)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
More results

Similar Description - M221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
1 Form A Solid State Relay
26-Oct-04
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com