Electronic Components Datasheet Search
  English  ▼

X  

M222 Datasheet(PDF) 3 Page - Solid State Optronic

Part # M222
Description  1 Form B Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M222 Datasheet(HTML) 3 Page - Solid State Optronic

  M222 Datasheet HTML 1Page - Solid State Optronic M222 Datasheet HTML 2Page - Solid State Optronic M222 Datasheet HTML 3Page - Solid State Optronic M222 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M222
1 Form B
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.18 0.2 0.23 0.25 0.28 0.3 0.33 0.35
Turn-On Tim e (m s)
M222
0
10
20
30
40
0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
M222
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
18
19
20
21
22
23
24
25
On-Resistance (ohm s)
M222
0
20
40
60
80
0.1 0.12 0.14 0.16 0.18 0.2 0.22 0.24
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
M222
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
380 400 420 440 460 480 500 520
Blocking Voltage (V)
M222
0
50
100
150
200
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
M222
Typical Load Current vs. Temperature
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com