Electronic Components Datasheet Search
  English  ▼

X  

S642 Datasheet(PDF) 1 Page - Solid State Optronic

Part # S642
Description  1 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S642 Datasheet(HTML) 1 Page - Solid State Optronic

  S642 Datasheet HTML 1Page - Solid State Optronic S642 Datasheet HTML 2Page - Solid State Optronic S642 Datasheet HTML 3Page - Solid State Optronic S642 Datasheet HTML 4Page - Solid State Optronic S642 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S642
1 Form A
Solid State Relay
The S642 is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The circuit is composed of one LED on the input
side which activates an optically coupled IC on the output - controlling the firing angle of two back-to-back SCRs. This circuit assures no
false triggering under most adverse conditions, and a tight zero-volt window not exceeding 5V.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Zero-Volt Cross Switching
•
High transient immunity
•
400V blocking voltage
•
1.2A maximum continuous current
•
Low input control current
•
High input-to-output isolation
•
Solid state reliability
•
Valve control
•
Solenoids
•
Home appliances
•
Metering equipment
•
Heating elements
•
Gas pump control circuitry
•
High Output Isolation
• -H
Surface Mount Option
• -S
Tape and Reel
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
W
1.2
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
BABT CERTIFICATE #607837:
BS EN 60950, BS EN 41003, BS EN 60065
•
UL FILE #E90096
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
S642
rev 1.40 (10/25/2004)


Similar Part No. - S642

ManufacturerPart #DatasheetDescription
logo
Powerbox
S642 POWERBOX-S642 Datasheet
418Kb / 1P
350 WATTS DC/DC SINGLE OUTPUT
logo
Solid State Inc
S642 SOLIDSTATE-S642 Datasheet
204Kb / 5P
High transient immunity
logo
Solid State Optronic
S642-X SSOUSA-S642-X Datasheet
166Kb / 4P
1 Form A Solid State Relay
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
Zero-Volt Cross Switching
logo
Heyco.
S6420 HEYCO-S6420 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
More results

Similar Description - S642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
1 Form A Solid State Relay
26-Oct-04
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com