Electronic Components Datasheet Search
  English  ▼

X  

SAT400 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT400
Description  AC Input Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT400 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT400 Datasheet HTML 1Page - Solid State Optronic SAT400 Datasheet HTML 2Page - Solid State Optronic SAT400 Datasheet HTML 3Page - Solid State Optronic SAT400 Datasheet HTML 4Page - Solid State Optronic SAT400 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAT400
AC Input
Optocoupler
The SAT400 consists of a phototransistor optically coupled to a pair of light emitting diodes for AC input operation. Optical coupling
between the input LEDs and output phototransistor allows for high isolation levels while maintaining low-level AC signal control capability.
The SAT400 provides an optically isolated method of controlling many interface applications such as telecommunications, industrial
control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
AC/DC input control
•
High input-to-output isolation (5kVrms MIN)
•
Low input power consumption
•
High stability
•
Miniature 4 pin DIP package
•
Registers, copiers, Automatic Vending Machines
•
System appliances, measuring instruments
•
Computer terminals, PLCs
•
Telecommunications, telephones
•
Home Appliances
•
Digital logic inputs
•
Microprocessor inputs
•
Switching power supply, laser printers, etc…
•
Surface Mount Option
• -S
Tape and Reel Option
• -TR
.04" (10.16mm) lead spacing (VDE0884)
• -H
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
ºC
-55
125
Operating Temperature
ºC
-40
100
Input Forward Current
mA
50
Input Peak Forward
Current
A
1
Reverse Input Control
Voltage
V
6
Total Power Dissipation
mW
200
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
1
2
4
3
+/- Input
-/+ Input
Collector
Emitter
UL and C-UL Approved, File #E201932
•
VDE Approved, Lic. # 40011227
•
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
SAT400
rev 1.40 (10/25/2004)


Similar Part No. - SAT400

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
Small 4 pin DIP/SMD package
More results

Similar Description - SAT400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD620 SIEMENS-ILD620 Datasheet
76Kb / 4P
AC INPUT PHOTOTRANSISTOR OPTOCOUPLER
logo
Solid State Optronic
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
AC Input Optocoupler
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
AC Input Dual Optocoupler
SAT1600 SSOUSA-SAT1600 Datasheet
436Kb / 4P
AC Input Quad Optocoupler
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
Optocoupler, Phototransistor Output, AC Input
01-Dec-05
SFH620AA VISHAY-SFH620AA Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
Optocoupler, Phototransistor Output, AC Input
23-Feb-11
logo
List of Unclassifed Man...
H11AAX ETC1-H11AAX Datasheet
1Mb / 14P
6-PIN AC INPUT OPTOCOUPLER
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
Optocoupler, Phototransistor Output, AC Input
31-Aug-15
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com