Electronic Components Datasheet Search
  English  ▼

X  

SAT800 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT800
Description  AC Input Dual Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT800 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT800 Datasheet HTML 1Page - Solid State Optronic SAT800 Datasheet HTML 2Page - Solid State Optronic SAT800 Datasheet HTML 3Page - Solid State Optronic SAT800 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S
AT800
AC Input Dual
Optocoupler
The S
AT800 consists of two phototransistors, each optically coupled to two input LEDs. for AC input operation. Optical coupling
between the input LEDs and output phototransistor allows for high isolation levels while maintaining low-level
AC signal control capability.
The S
AT800 provides an optically isolated method of controlling many interface applications such as telecommunications, industrial control
and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation package
•
Low input power consumption
•
High stability
•
CTR (MIN:
60%-MAX-600% @IF=±1mA Vce=5V)
•
Registers, copiers, Automatic Vending Machines
•
System appliances, measuring instruments
•
Computer terminals, PLCs
•
Telecommunications, telephones
•
Home Appliances
•
Digital logic inputs
•
Microprocessor inputs
•
Switching power supply, laser beam printers, etc.
•
Surface Mount Option
• -S
Tape and Reel Option
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
±50
Transient Input Current
A
±1
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
200
UL and C-UL Approved File #
E201932
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
1,2. Anode, Cathode
3,4. Anode, Cathode
5,7. Emitter
6,8. Collector


Similar Part No. - SAT800

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SAT800 SOLIDSTATE-SAT800 Datasheet
487Kb / 10P
VCEO = 60V
Rev 2.00
logo
Solid State Optronic
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
Small 8 pin DIP/SMD package
More results

Similar Description - SAT800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD620 SIEMENS-ILD620 Datasheet
76Kb / 4P
AC INPUT PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IDL620 VISHAY-IDL620 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
26-Apr-04
logo
Solid State Optronic
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
AC Input Optocoupler
SAT400 SSOUSA-SAT400 Datasheet
599Kb / 5P
AC Input Optocoupler
SAT1600 SSOUSA-SAT1600 Datasheet
436Kb / 4P
AC Input Quad Optocoupler
logo
Vishay Siliconix
ILD256T VISHAY-ILD256T Datasheet
125Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
07-Dec-07
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
181Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
ILD256T VISHAY-ILD256T_V01 Datasheet
551Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
ILD256T VISHAY-ILD256T_V02 Datasheet
551Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com