Electronic Components Datasheet Search
  English  ▼

X  

SAT1600 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT1600
Description  AC Input Quad Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT1600 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT1600 Datasheet HTML 1Page - Solid State Optronic SAT1600 Datasheet HTML 2Page - Solid State Optronic SAT1600 Datasheet HTML 3Page - Solid State Optronic SAT1600 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA
T1600
AC Input
Quad Optocoupler
The SA
T1600 combines four independent optocouplers in a 16 pin DIP/SMD package. Each of the four optocoupler circuits is composed
of two input LEDs optically-coupled to a Phototransistor--allowing for high isolation levels while maintaining low-level AC signal control
capability. The SA
T1600 provides an optically isolated method of controlling many interface applications such as telecommunications,
industrial control and instrumentation circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High input-to-output isolation package
•
Low input power consumption
•
High stability
•
Loop current detection
•
Ring signal detection
•
Power supply feedback isolation
•
Audio signal interface
, Telephone sets, Telephone exchangers
•
Transformer replacement
, System appliances, Sensors etc.
•
High input-to-output isolation voltage (5000Vrms)
• -H
Surface Mount Option
• -S
Tape and Reel Option
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
±50
Transient Input Current
A
± 1
Collector-emitter
Voltage
V
60
Output Power Dissipation
mW
200
UL and C-UL Approved File #E201932.
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - SAT1600

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SAT1600 SOLIDSTATE-SAT1600 Datasheet
487Kb / 9P
VCEO = 70V
Rev 2.00
logo
Solid State Optronic
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
16 pin DIP/SMD package
More results

Similar Description - SAT1600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDL620 VISHAY-IDL620 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
26-Apr-04
logo
Solid State Optronic
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
AC Input Optocoupler
SAT400 SSOUSA-SAT400 Datasheet
599Kb / 5P
AC Input Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
logo
Vishay Siliconix
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
07-Dec-07
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
181Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
ILD620 VISHAY-ILD620_V01 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com