Electronic Components Datasheet Search
  English  ▼

X  

SDD1600 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDD1600
Description  DC Input Quad Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD1600 Datasheet(HTML) 1 Page - Solid State Optronic

  SDD1600 Datasheet HTML 1Page - Solid State Optronic SDD1600 Datasheet HTML 2Page - Solid State Optronic SDD1600 Datasheet HTML 3Page - Solid State Optronic SDD1600 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High current transfer ratio
High input-to-output isolation package (5000 Vrms)
Compact dual-in-line package
System appliances, measuring instruments
Industrial robots
Copiers, automated vending machines
Signal transmission between varying circuits
Telephone sets
Fax machines
Interface with various power supply circuits
Numerical control machines
Surface Mount Option
-S
Tape and Reel Option
-TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
Continuous Forward
Current
mA
50
Peak Forward Current
A
1
Reverse Voltage
V
6
Output Power Dissipation
mW
200
UL and C-UL Approved, File #E201932
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
1, 3, 5 & 7: Anode
2, 4, 6 & 8: Cathode
9, 11, 13, 15:
Emitter
10, 12, 14 &16:
Collector
S
DD1600
DC Input
Quad Optocoupler
The SD
D1600 combines four independent optocouplers in a 16 pin DIP/SMD package. Each of the four optocoupler circuits is composed
of an input LED optically-coupled to a Photo Darlington Transistor--allowing for high isolation levels while maintaining low-level DC signal control
capability. The SD
D1600 provides an optically isolated method of controlling many interface applications such as telecommunications,
industrial control and instrumentation circuitry.
DESCRIPTION


Similar Part No. - SDD1600

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
SDD165N08 SIRECTIFIER-SDD165N08 Datasheet
740Kb / 4P
Diode-Diode Modules
SDD165N08B SIRECTIFIER-SDD165N08B Datasheet
315Kb / 4P
Diode-Diode Modules
SDD165N12 SIRECTIFIER-SDD165N12 Datasheet
740Kb / 4P
Diode-Diode Modules
SDD165N12B SIRECTIFIER-SDD165N12B Datasheet
315Kb / 4P
Diode-Diode Modules
More results

Similar Description - SDD1600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SAT1600 SSOUSA-SAT1600 Datasheet
436Kb / 4P
AC Input Quad Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD600 SSOUSA-SDD600 Datasheet
281Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com