Electronic Components Datasheet Search
  English  ▼

X  

STS700 Datasheet(PDF) 1 Page - Solid State Optronic

Part # STS700
Description  Multifunction Telecommunications Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STS700 Datasheet(HTML) 1 Page - Solid State Optronic

  STS700 Datasheet HTML 1Page - Solid State Optronic STS700 Datasheet HTML 2Page - Solid State Optronic STS700 Datasheet HTML 3Page - Solid State Optronic STS700 Datasheet HTML 4Page - Solid State Optronic STS700 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STS700
Multifunction
Telecommunications Switch
The STS700 is a multi-function telecommunications relay. It combines a 1 Form A solid state relay, phototransistor, Darlington transistor
and a bridge rectifier in a 16-pin SOIC package. Its small outline and low height make it ideal for use in PCMCIA applications where multi-
function devices help reduce cost and board space.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
Low input control current
•
Function integration
•
35 ohms max on-resistance
•
120mA max continuous load current
•
Darlington transistor
•
Phototransistor
•
Full wave bridge rectifier
•
Telecom switching
•
PCMCIA cards
•
Fax/modem modules
•
Set-top boxes
•
DAA arrangements
•
Hookswitch
•
Loop current detect
•
Pulse dialing
•
Tape and Reel
• -TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
120
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
500
BABT CERTIFICATE # 605963
•
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Similar Part No. - STS700

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
STS700 SOLIDSTATE-STS700 Datasheet
693Kb / 8P
Miniature 16pin SOIC package
More results

Similar Description - STS700

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112N CLARE-TS112N Datasheet
405Kb / 7P
Multifunction Telecom Switch
TS117 CLARE-TS117 Datasheet
122Kb / 8P
Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
XS170 CLARE-XS170 Datasheet
100Kb / 7P
Multifunction Telecom Switch
logo
List of Unclassifed Man...
STS750 ETC1-STS750 Datasheet
143Kb / 5P
Multifunction Telecommunications Switch
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
Multifunction Telecommunications Switch
STS750 SSOUSA-STS750 Datasheet
144Kb / 5P
Multifunction Telecommunications Switch
logo
IXYS Corporation
TS120 IXYS-TS120 Datasheet
142Kb / 8P
Multifunction Telecom Switch
TS122 IXYS-TS122 Datasheet
140Kb / 8P
Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com