Electronic Components Datasheet Search
  English  ▼

X  

MN89201 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN89201
Description  VGA-NTSC Scan Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN89201 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN89201 Datasheet HTML 1Page - Panasonic Semiconductor MN89201 Datasheet HTML 2Page - Panasonic Semiconductor MN89201 Datasheet HTML 3Page - Panasonic Semiconductor MN89201 Datasheet HTML 4Page - Panasonic Semiconductor MN89201 Datasheet HTML 5Page - Panasonic Semiconductor MN89201 Datasheet HTML 6Page - Panasonic Semiconductor MN89201 Datasheet HTML 7Page - Panasonic Semiconductor MN89201 Datasheet HTML 8Page - Panasonic Semiconductor MN89201 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MN89201
For Information Equipment
Pin Descriptions
Pin No.
Symbol
I/O
Function Description
3
AEN
I
Chip select signal
"L" level: Register access enabled
"H" level: Register access disabled
4
XRD
I
Read control signal
"L" level: Read enabled
5
XWE
I
Write control signal
"L" level: Write enabled
6
REGLIN
I
Register address mode specification
"H" level: Obtain register address from RA[3:0]
"L" level: Obtain register address from address register
In the latter case, the address of the parameter/mode register are
specified by the address register .
Address register: 0H (4-bit decode)
Data register:
1H (4-bit decode)
7 to 10
RA[3:0]
I
Register address specification
11 to 14
DB[7:0]
I
Host data bus
17 to 20
23
RESET
I
MN89201 reset signal
Active "H"
This signal initializes internal registers to their default values and
resets internal synchronization counters.
24 ,25
MODSET[1:0]
I
Synchronization mode specification pins
These specify the RDCLK synchronization mode for output signals
to the NTSC encoder
(1:0)
0 0: Use an external VCO clock signal synchronized with the VGA
clock signal for RDCLK. The XH, XVSYNC, XBLANK, and
XENRST signals are generated inside the MN89201 and are
outputted. (synchronous)
0 1: Use an external oscillator clock signal not synchronized with
the VGA clock signal for RDCLK. The XH and XVSYNC
signals are retimed versions of the VGA H and VSYNC
signals. (asynchronous)
The other outputs use the VGA DOTCLK signal.
1 0: Use the VGA DOTCLK signal for RDCLK. The YCrCb data,
XVSYNC, XBLANK, and XENRST signals all are dealt in
the VGA clock. An external oscillator is not necessary.
(synchronous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com