Electronic Components Datasheet Search
  English  ▼

X  

SE5455 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SE5455
Description  GaAs Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SE5455 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SE5455 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SE5455 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SE5455 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SE5455 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SE3455/5455
GaAs Infrared Emitting Diode
ELECTRICAL CHARACTERISTICS (25
°C unless otherwise noted)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Total Power Output
PO
mW
IF=100 mA
SE3455-001, SE5455-001
2.0
SE3455-002, SE5455-002
3.5
SE3455-003, SE5455-003
4.8
SE3455-004, SE5455-004
5.4
Forward Voltage
VF
1.7
V
IF=100 mA
Reverse Breakdown Voltage
VBR
3.0
V
IR=10
µA
Peak Output Wavelength
λp
935
nm
Spectral Bandwidth
∆λ
50
nm
Spectral Shift With Temperature
∆λp/∆T
0.3
nm/
°C
Beam Angle(1)
Ø
degr.
IF=Constant
SE3455
90
SE5455
20
Radiation Rise And Fall Time
tr, tf
0.7
µs
Notes
1. Beam angle is defined as the total included angle between the half intensity points.
ABSOLUTE MAXIMUM RATINGS
(25
°C Free-Air Temperature unless otherwise noted)
Continuous Forward Current
100 mA
Peak Forward Current
3 A
(1
µs pulse width, 300 pps)
Power Dissipation
150 mW
(1)
Operating Temperature Range
-55
°C to 125°C
Storage Temperature Range
-65
°C to 150°C
Soldering Temperature (10 sec)
260
°C
Notes
1. Derate linearly from 25
°C free-air temperature at the
rate of 1.43 mW/
°C.
SCHEMATIC
Cathode
Anode
27
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com