Electronic Components Datasheet Search
  English  ▼

X  

MCS3BT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCS3BT
Description  3-element colour sensor - TO5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS3BT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCS3BT Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS3BT Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS3BT Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS3BT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
D
MAXIMUM RATINGS / CHARACTERISTICS
(TA = 25°C; per single diode)
Description
Symbol
Condition
typ. Value
Unit
Diameter of the light sensitivity area
D
2,0
mm
Light sensitivity area per element
A
0,85
mm²
Photo sensitivity of colour ranges
Smax
λB = 470 nm
λG = 570 nm
λR = 650 nm
0,26
0,33
0,41 (0,25)
A/W
Field of the spectral sensitivity
± 2%*λ
λB
λG
λR
400 - 510
490 - 610
590 - 750
nm
Reverse Voltage
VR
0...3,5V
2,5
V
Dark current
IR
VR = 5V
<100
pA
Terminal Capacitance
C
VR = 5V
50
pF
Rise and fall time of the photocurrent
tr, tf
<1
µs
Noise equivalent power
NEP
fR = 100 Hz
<10
-13
W/
√Hz
Crosstalk
1
%
Angle of incidence
ϕ
∆λ(Filter) < 1%*λ
8
Grad
Operating temperature range
Top
0 ... +70
°C
Storage temperature range
Tst
-20 ... +80
°C
CHARACTERISTIC CURVE
1.1 Typical spectral sensitivity of the 3-element colour sensor (MCS3AT)
1.2 Typical spectral sensitivity of the 3-element colour sensor with IR-blocking
(MCS3BT)
0,0
0,1
0,2
0,3
0,4
375
425
475
525
575
625
675
725
775
W ave length (nm )
red
green
blue
0,0
0,1
0,2
0,3
0,4
375
425
475
525
575
625
675
725
775
W ave le n g th (n m )
red
green
blue
REVISIONS
REV. DESCRIPTION
APPROVED
The information disclosed herein was originated by and is the
property of MAZeT. MAZeT reserves all patent, proprietary, design,
use, sales, manufacturing an reproduction rights thereto. Product
names used in this publication are for identification purposes only
and may be trademark of their respective companies.
1
V1.6
2001/02/21
Distributor: Laser Components
Instrument Group, Wilmington MA, Phone: 978 658 9100, www.laser-components.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com