Electronic Components Datasheet Search
  English  ▼

X  

MTI08BS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTI08BS
Description  MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTI08BS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTI08BS Datasheet HTML 2Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 3Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 4Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 5Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 6Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 7Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 8Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 9Page - List of Unclassifed Manufacturers MTI08BS Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Sheet 7 of 10
5.3.3 DC-Transfer-Curves
DC-Transfer-Curve V(OUTX) = f(I(INX)) -- Rf = 25kOhms
-1
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
60
I(INX) -- µA
VREF = 1.0V Temp = 0°C
VREF = 2.5V Temp = 0°C
VREF = 4.0V Temp = 0°C
VREF = 1.0V Temp = 27°C
VREF = 2.5V Temp = 27°C
VREF = 4.0V Temp = 27°C
VREF = 1.0V Temp = 85°C
VREF = 2.5V Temp = 85°C
VREF = 4.0V Temp = 85°C
DC-Transfer-Curve V(OUTX) = f(I(INX)) -- Rf = 500kOhms
-1
0
1
2
3
4
5
6
-3
-2
-1
0
1
2
3
I(INX) -- µA
VREF = 1.0V Temp = 0°C
VREF = 2.5V Temp = 0°C
VREF = 4.0V Temp = 0°C
VREF = 1.0V Temp = 27°C
VREF = 2.5V Temp = 27°C
VREF = 4.0V Temp = 27°C
VREF = 1.0V Temp = 85°C
VREF = 2.5V Temp = 85°C
VREF = 4.0V Temp = 85°C
DC-Transfer-Curve V(OUTX) = f(I(INX)) -- Rf = 5MOhms
-1
0
1
2
3
4
5
6
-300
-200
-100
0
100
200
300
I(INX) -- nA
VREF = 1.0V Temp = 0°C
VREF = 2.5V Temp = 0°C
VREF = 4.0V Temp = 0°C
VREF = 1.0V Temp = 27°C
VREF = 2.5V Temp = 27°C
VREF = 4.0V Temp = 27°C
VREF = 1.0V Temp = 85°C
VREF = 2.5V Temp = 85°C
VREF = 4.0V Temp = 85°C
Distributor: Laser Components
Instrument Group, Wilmington MA, Phone: 978 658 9100, www.laser-components.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com