Electronic Components Datasheet Search
  English  ▼

X  

PAM8201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PAM8201
Description  Tiny 1.2 Watt Class-D Audio Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PAM8201 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8201 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8201 Datasheet HTML 3Page - List of Unclassifed Manufacturers PAM8201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Product Information
Power Analog Microelectronics, Inc.
PAM8101/8201 Rev. 1.4
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
August 2005
1
Description
The PAM8101 is a 1.2 Watt, 5-pin,
single channel, class D audio
amplifier. The PAM8201 is a 1.2
Watt per channel, 8-pin, dual channel,
class D audio amplifier. The
PAM8101 and PAM8201 require
very few external components, which
leads to lower total system costs as
well as less board space.
These amplifiers supply 1.2 Watts
per channel into a 8
Ω speaker at
much higher efficiencies than their
class A/B cousins. They also offer
low THD+N (0.10%), allowing them
to produce high-quality sound
reproduction.
The PAM8101 is available in a
SOT25 package, which is a tiny 2mm
by 3mm. This small package,
combined with the low external
component count (as few as two tiny
capacitors), results in significant
board space savings.
The PAM8201 is available in a small
8-pin SOP package, and requires as
few as three tiny capacitors for a
complete class-D solution. As with
the PAM8101, this small package,
combined with the low external
component count, results in
significant board space savings.
The PAM8101 and PAM8201 both
run off of a 5 Volt supply, making
them ideal for many portable
applications.
PAM8101/8201
Tiny 1.2 Watt Class-D Audio
Amplifiers
Features
• 1.2 Watts @ 10% THD per channel
output into a 8
Ω
Ω
Ω
Ω load at 5V
• Support speakers or earphone
(6
Ω
Ω
Ω
Ω tοοοο 32
32
32
32Ω
Ω
Ω
Ω)))).
• Superior low noise without signal
input.
• Supply voltage: From 2.5V to 6 V.
• 85% efficiency above.
• Short Circuit Protection.
• Tiny package outlines: SOT25
(PAM8101) and SOP-8 (PAM8201)
• Less output capacitor and inductor
to save the space and cost.
• Low THD+N
• Low Quiescent current: Below 10mA
Applications
• Notebook computers
• PDAs
• Portable DVD players
• Cellular phones/speaker phones.
• MP3 or PMP players.
• Portable speakers.
• USB speaker.
• LCD monitor / TV.


Similar Part No. - PAM8201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8202 ETC1-PAM8202 Datasheet
287Kb / 8P
Tiny Package 2 Watt Class-D Stereo Audio Amplifier
PAM8202S8R ETC1-PAM8202S8R Datasheet
287Kb / 8P
Tiny Package 2 Watt Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8202 ETC1-PAM8202 Datasheet
287Kb / 8P
Tiny Package 2 Watt Class-D Stereo Audio Amplifier
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
2 Watt Class-D Audio Amplifiers with Enable
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A Datasheet
3Mb / 34P
PCM Input Class D Audio Power Amplifiers
Rev 0; 5/12
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98357A MAXIM-MAX98357A Datasheet
2Mb / 38P
PCM Input Class D Audio Power Amplifiers
Rev 2; 8/14
logo
Silicon Laboratories
AN542 SILABS-AN542 Datasheet
1Mb / 12P
PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
ON Semiconductor
FAB3103 ONSEMI-FAB3103 Datasheet
1Mb / 15P
2.3 Watt Class-D Audio Amplifier
July 2012 Rev. 1.0.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com