Electronic Components Datasheet Search
  English  ▼

X  

PAM8202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PAM8202
Description  Tiny Package 2 Watt Class-D Stereo Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PAM8202 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 3Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 4Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 5Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 6Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 7Page - List of Unclassifed Manufacturers PAM8202 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TOP MARKING & PIN CONFIGURATION
SOP8
ORDERING INFORMATION
Assembly Location
Year
Weekly
A Y WW
Package
Shipping
Ordering
Number
SOP-8
2,500 Units/ Reel
PAM8202S8R
Absolute Maximum Ratings:
Supply voltage: 6V (Without Input Signal)
Input voltage: -0.3V to VDD +0.3V
OO
Operation Temperature range: -40 C to 85 C
OO
Operation junction temperature: -40 C to 125 C
OO
Storage Temperature: -65 C to 150 C
O
Maximum Junction Temperature: 150 C
O
Soldering temperature: 250 C, 10 secretary
Recommended operating Conditions:
Supply voltage Range: 2.5V to 5.5V
OO
Operation Temperature Range: -40 C to 85 C
OO
Junction Temperature Range: -40 C to 125 C
Thermal Information:
Thermal Resistance (
):
JC
O
SOP8:
90 C/W
JA
O
DIP8:
C/W
1
2
3
4
5
6
7
8
Pin Description
Left channel audio input.
Inverted output, left channel.
Non-inverted output, left channel
Non-inverted output, right channel.
Inverted output, right channel.
4
5
6
7
8
IN_L
-OUT_L
+OUT_L
+OUT_R
- OUT_R
Right channel audio input.
GNDChip ground.
Supply voltage, need a 1uF ceramic
decouple capacitor very close bet
ween this pin to GND pin.
Pin No.
Pin Name
Description
1
2
3
IN_R
GND
VDD
ELECTRONIC SPECIFICATIONS
PARAMETER
MIN
TYP
MAX
UNITS
V
CONDITION
Vdd Range
2.5
5
5.5
Vdd Quiescent current
Each channel
10
mA
SW On Resistance
VDD = 5V
0.4
SW Frequency
No Input Signal
500
kHz
PSRR
VDD = 2.5V to 5.5V
-45
dB
Gain
10
V/V
VDD = 2.5V to 5.5V, 0
input resistor
SNR
60
dB
VDD = 5V, Po = 1.5W, 8
Load
Input impedance
100
K
AYWW
Power Analog Microelectronics, Inc.
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
PAM8202 Rev. 1.1
PRELIMIARY DATASHEET
PAM8202
Tiny Package 2 Watt Class-D Stereo Audio Amplifier



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com