Electronic Components Datasheet Search
  English  ▼

X  

PAM8302 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PAM8302
Description  Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAM8302 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PAM8302 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 2Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 3Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 4Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 5Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 6Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 7Page - List of Unclassifed Manufacturers PAM8302 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
THD+N vs. Output Power
8
, 1kHz, VDD = 5V
(%)
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
(W)
Ap
THD+N vs. Output Power
4
, 1kHz, VDD = 5V
(%)
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
(W)
Ap
(%)
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
20
50
100 200
500
1k
2k
5k
10k
20k
(Hz)
Ap
THD+N vs. Frequency
8
, 500mW output, VDD = 5V
100%
80%
60%
40%
20%
0%
0
1
2
3
Efficiency VS Output Power
Power
Power Dissipation vs. Output Power
4 , 1kHz, VDD = 5V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
0.5
1
1.5
2
Output Power -W
Power Dissipation vs. Output Power
4
, 1kHz, VDD = 5V
Class AB = Blue line
PAM8202 = Magenta line
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
20
50
100
200
500
1k
2k
5k
10k 20k
(dBr)
FFT Noise Floor
(16k FFT)
(Hz)
Power Analog Microelectronics, Inc.
CONFIDENTIAL. DO NOT DISTRIBUTE OR REPRODUCE WITHOUT PERMISSION FROM P.A.M.
PAM8302
Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
CONFIDENTIAL INFORMATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com