Electronic Components Datasheet Search
  English  ▼

X  

PTH03060YAS Datasheet(PDF) 11 Page - Texas Instruments

Part # PTH03060YAS
Description  MEMORY BUS TERMINATION MODULES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060YAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH03060YAS Datasheet HTML 7Page - Texas Instruments PTH03060YAS Datasheet HTML 8Page - Texas Instruments PTH03060YAS Datasheet HTML 9Page - Texas Instruments PTH03060YAS Datasheet HTML 10Page - Texas Instruments PTH03060YAS Datasheet HTML 11Page - Texas Instruments PTH03060YAS Datasheet HTML 12Page - Texas Instruments PTH03060YAS Datasheet HTML 13Page - Texas Instruments PTH03060YAS Datasheet HTML 14Page - Texas Instruments PTH03060YAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
Designing for Very Fast Load Transients
The transient response of the dc/dc converter is characterized using a load transient with a di/dt of 1 A/µs. The
typical voltage deviation for this load transient is given in the data sheet specification table using the optional
value of output capacitance. As the di/dt of a transient is increased, the response of a converter's regulation
circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with any dc/dc
converter once the speed of the transient exceeds its bandwidth capability. If the target application specifies a
higher di/dt or lower voltage deviation, the requirement is met with additional output capacitor decoupling. In
these cases, special attention must be paid to the type, value, and ESR of the capacitors selected.
If the transient performance requirements exceed that specified in this data sheet, or the total amount of load
capacitance is above 5500 µF, the selection of output capacitors becomes more important.
Table 2. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max Ripple
Capacitor Vendor,
Working
Max ESR
Vendor Number
Value
Current at
Physical Size
Input Output
Type/Series (Style)
Voltage
at 100 kHz
(µF)
85°C (Irms)
(mm)
Bus
Bus
(V)
(Ω)
(mA)
Panasonic, Aluminum
25
560
0.065
1205
12,5 × 15
1
1
EEUFC1E561S
FC (Radial)
25
1000
0.060
1100
12,5 × 13,5
1
1
EEVFK1E102Q
FK (SMD)
35
680
0.060
1100
12,5 × 13,5
1
1
EEVFK1V681Q
United Chemi-Con
LXZ, Aluminum (Radial)
16
330
0.0014
5050
10 × 12,5
2
≤2
16PS330MJ12
PS, Poly-Aluminum (Radial)
16
680
0.068
1050
10 × 16
1
1
LXZ16VB681M10X16LL
PXA, Poly-Aluminum (SMD)
16
330
0.014
5050
10 × 12,2
2
≤2
PXA16VC331MJ12
Nichicon Aluminum
25
560
0.060
1060
12,5 × 15
1
1
UPM1E561MHH6
PM (Radial)
16
680
0.038
1430
10 × 16
1
1
UHD1C681MHR
HD (Radial)
35
560
0.048
1360
16 × 15
1
1
UPM1V561MHH6
Sanyo
TPE, pos-cap (SMD)
10
330
0.025
3000
7,3 L × 5,7 W
N/R(2)
≤3
10TPE330M
SEPC, Os-con (Radial)
16
270
0.011
5000
8 × 12
2(3)
≤1
16SP270M
SVP, Os-con (SMD)
16
330
0.016
4700
11 × 12
2
≤2
16SVP330M
SVPC, Os-con (SMD)
4
1200
0.010
4700
8 × 11,9
N/R(2)
≤1
4SVPC1200M
AVX, Tantalum
TPS Series III (SMD)
10
470
0.045
>1723
7,3 L× 5,7 W
N/R(2)
≤5
TPSE477M019R0045
×4,1H
TPS (SMD)
10
330
0.045
>1723
7,3 L ×4,3 W ×4,3 N/R(2)
≤5
TPSE337M019R0045
H
Kemet
T520, Poly-Tantalum ( SMD)
10
470
0.040
1800
7,3 L ×4,3 W ×4,3 N/R(2)
≤5
T520X477M006ASE040
H
T530, Tantalum/Organic
4
680
0.010
>5100
7,3 L ×4,3 W ×4,3 N/R(2)
≤1
T530X687M004ASE010
(SMD)
H
6.3
470
0.010
5200
7,3 L ×4,3 W ×4,3 N/R(2)
≤1
T530X477M006ASE010
H
Vishay-Sprague
594D, Tantalum (SMD)
10
470
0.100
1440
7,2 L ×6W× 4,1 H N/R(2)
≤5
595D477X0010R2T
94SA, organic (Radial )
16
1000
0.015
>9700
16 × 25
1
≤2
94Sa108X0016HBP
94SVP, Organic (SMD)
16
330
0.017
>4500
10 × 12,7
2
≤2
94SVP477X0016F12
(1) Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2) N/R – Not recommended. The capacitor voltage rating does not meet the minimum operating limits.
(3) A total capacitance of 540 µF is acceptable based on the combined ripple current rating.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com