Electronic Components Datasheet Search
  English  ▼

X  

PTH05060YAS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05060YAS
Description  MEMORY BUS TERMINATION MODULES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05060YAS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH05060YAS Datasheet HTML 8Page - Texas Instruments PTH05060YAS Datasheet HTML 9Page - Texas Instruments PTH05060YAS Datasheet HTML 10Page - Texas Instruments PTH05060YAS Datasheet HTML 11Page - Texas Instruments PTH05060YAS Datasheet HTML 12Page - Texas Instruments PTH05060YAS Datasheet HTML 13Page - Texas Instruments PTH05060YAS Datasheet HTML 14Page - Texas Instruments PTH05060YAS Datasheet HTML 15Page - Texas Instruments PTH05060YAS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ti.com
PTH03060Y
PTH05060Y, PTH12060Y
SLTS222A–MARCH 2004–REVISED OCTOBER 2005
Table 2. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max Ripple
Capacitor Vendor,
Working
Max ESR
Vendor Number
Value
Current at
Physical Size
Input Output
Type/Series (Style)
Voltage
at 100 kHz
(µF)
85°C (Irms)
(mm)
Bus
Bus
(V)
(Ω)
(mA)
Kemet, Ceramic X5R (SMD)
16
10
0.002
3225 mm
1(4)
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
3225 mm
N/R(2)
≤4
GRM32ER60J107M
6.3
47
3225 mm
N/R(2)
≤5
GRM32ER60J476M
16
22
1(4)
≤5
GRM32ER61C226K
16
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
3225 mm
N/R(2)
≤4
C3225X5R0J107MT
6.3
47
3225 mm
N/R(2)
≤5
C3225X5R0J476MT
16
22
1(4)
≤5
C3225X5R1C226MT
16
10
1(4)
≤5
C3225X5R1C106MT
(4) Ceramic capacitors are recommended to complement electrolytic types at the input bus by reducing high-frequency ripple current.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com