Electronic Components Datasheet Search
  English  ▼

X  

HT48R31 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT48R31
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R31 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT48R31 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R31 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Instruction Definition
ADC A,[m]
Add data memory and carry to the accumulator
Description
The contents of the specified data memory, accumulator and the carry flag
are added simultaneously, leaving the result in the accumulator.
Operation
ACC
← ACC+[m]+C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
ADCM A,[m]
Add the accumulator and carry to data memory
Description
The contents of the specified data memory, accumulator and the carry flag
are added simultaneously, leaving the result in the specified data memory.
Operation
[m]
← ACC+[m]+C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
ADD A,[m]
Add data memory to the accumulator
Description
The contents of the specified data memory and the accumulator are added.
The result is stored in the accumulator.
Operation
ACC
← ACC+[m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
ADD A,x
Add immediate data to the accumulator
Description
The contents of the accumulator and the specified data are added, leaving the
result in the accumulator.
Operation
ACC
← ACC+x
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
√√
√√
HT48CXX/HT48RXX
32
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com