Electronic Components Datasheet Search
  English  ▼

X  

HT2844 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2844
Description  4-Sound Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2844 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2844 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2844 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HT2844
4-Sound Generator
Pin Assignment
Pad Assignment
Chip size: 81
× 67 (mil)2
* The IC substrate should be connected to VDD
in the PCB layout artwork.
Features
•
Single power supply: 2.4V~3.3V
•
Low standby current: 1
µA (Typ.)
at VDD= 3V
•
Auto power-off function
•
Eight different sound sections
•
Speaker or direct piezo application
•
LED flash drive output
•
Minimal external components
General Description
The HT2844 is a CMOS LSI chip designed for
use in sound effect products. It is equipped with
tone circuit, noise circuit, and other control
logic to generate various sounds including rifle
fire, machine gun, booming, door bell, Alarm,
and so forth. Customer’s supplied sound source
can be analyzed and programmed into an inter-
nal ROM by changing a mask layer during de-
vice fabrication. The HT2844 is suitable for
various toy applications.
1
11th July ’97


Similar Part No. - HT2844

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
logo
HYES Optoelectronics, I...
HT2801UL HYES-HT2801UL Datasheet
797Kb / 25P
LCD MODULE (240 횞 RGB 횞 320)
logo
Hotchip Technology Co.,...
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
More results

Similar Description - HT2844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
PROGRAMMABLE SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
Single Sound Generator
10th July 97
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
Single Sound Generator
10th July 97
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
Dual Sound Generator
10th July 97
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
6-Sound Generator
11th July 97
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
Programmable Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A Datasheet
91Kb / 8P
SINGLE SOUND GENERATOR
logo
Aplus Intergrated Circu...
API4000M2 APLUS-API4000M2 Datasheet
354Kb / 15P
4-channel Sound Generator with Melody
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
1812A UTC-1812A_15 Datasheet
301Kb / 8P
SINGLE SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com