Electronic Components Datasheet Search
  English  ▼

X  

LH0003 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0003
Description  Wide Bandwidth Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0003 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0003 Datasheet HTML 1Page - National Semiconductor (TI) LH0003 Datasheet HTML 2Page - National Semiconductor (TI) LH0003 Datasheet HTML 3Page - National Semiconductor (TI) LH0003 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
20V
Power Dissipation
See curve
Differential Input Voltage
g
7V
Input Voltage
Equal to supply
Load Current
120 mA
Operating Temperature Range LH0003
b
55 Cto a125 C
LH0003C
0 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics (Notes12)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
RS k 100X
04
30
mV
Input Offset Current
002
02
m
A
Input Bias Current
04
20
m
A
Supply Current
VS e g20V
12
3
mA
Voltage Gain
RL e 100k VS e g15V VOUT e g10V
20
70
VmV
Voltage Gain
RL e 2k VS e g15V VOUT e g10V
15
40
VmV
Output Voltage Swing
VS e g15 RL e 100X
g
10
g
12
V
Input Resistance
100
kX
Average Temperature
RS k 100X
4
m
V C
Coefficient of Offset Voltage
Average Temperature
8
nA C
Coefficient of Bias Current
CMRR
RS k 100X VS e g15V VIN e g10V
70
90
dB
PSRR
RS k 100X VS e g15V DV e 5V to 20V
70
90
dB
Equivalent Input
RS e 100X f e 10 kHz to 100 kHz
18
m
Vrms
Noise Voltage
VS e g15V
Note 1
These specifications apply for Pin 7 grounded for g5V k VS k g20V with capacitor C1 e 90 pF from pin 1 to pin 10 and C2 e 90 pF from pin 5 to
ground over the specified operating temperature range unless otherwise specified
Note 2
Typical values are for tAMBIENT e 25 C unless otherwise specified
Note 3
See
RETS0003X for the LM0003H military specifications
Typical Performance Characteristics
Maximum Power Dissipation
Response
Large Signal Frequency
Response
Open Loop Frequency
TLK10123 – 5
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com