Electronic Components Datasheet Search
  English  ▼

X  

PAK-II Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PAK-II
Description  310 Ivy Glen Court
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PAK-II Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PAK-II Datasheet HTML 17Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 18Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 19Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 20Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 21Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 22Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 23Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 24Page - List of Unclassifed Manufacturers PAK-II Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
If you are using the Basic Stamp II or Basic Stamp
IISX, you'll have no problems using the ShiftIn
and ShiftOut commands. Many Basic Stamp-
compatible compilers have these commands too. If
you don't have access to these commands, don't
worry. Here is some simple code (written in simple
PBasic) that shows the actions you have to take:
' B1 is the byte to shift
shiftoutput:
output datapin
for b7=0 to 7
' Set data pin to 0 or 1
low datapin
if (b1 & $80) <> $80 then so0
high datapin
so0:
b1=b1*2
' shift byte left
5V
5V
PAK-II
3
2
10
9
20
7, 8, 19
1
6
5
4
BUSY/MODE
ENABLE/BUSY
RES2
RES1
Vss
RESET
CLK
SOUT
SIN
Resonator
Both Resistors:
10 to 22K
Busy output (optional)
Data
Clock
Connections to Host
Vdd
Example 1. Connections to Stamp or similar host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com