Electronic Components Datasheet Search
  English  ▼

X  

SPR11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPR11
Description  1 AMP SUPER-EFFICIENT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPR11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPR11 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPR11 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING& CHARACTERISTIC CURVES FOR SERIES SPR11- SPR14
Data Sheet No. SESA-100-2B
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.1
0.01
1.0
10
0.001
Percent of Rated Peak Reverse Voltage
0.01
0.1
1.0
10
100
FIGURE 1. FORWARD CURRENT DERATING CURVE
Case Temperature, C
o
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
30
24
18
12
6
0
1 AMP SUPER EFFICIENT RECTIFIERS
4.97bsesa1
100
120
140
NOTES
(1) Single Phase, Half Wave, 60 Hz; Lead Length= 0.375" (9.5mm)
(2) JEDEC Method, 8.3 mSec. Single Half Sine Wave
(3) T = 25 C, Pulse Width= 300 Sec, 1.0% Duty Cycle
(4) T =25 C,f= 1.0 MHz, 2% Duty Cycle.
J
J
o
o
µ
NOTE 2
NOTE 1
C2
T = 100 C
J
o
T = 25 C
J
o
20
60
80
T = 150 C
J
o
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
1
10
100
60
50
40
70
0.1
NOTE 4
Resistive and Inductive Loads
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com