Electronic Components Datasheet Search
  English  ▼

X  

TSL220 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL220
Description  LIGHT-TO-FREQUENCY CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL220 Datasheet(HTML) 2 Page - Texas Instruments

  TSL220 Datasheet HTML 1Page - Texas Instruments TSL220 Datasheet HTML 2Page - Texas Instruments TSL220 Datasheet HTML 3Page - Texas Instruments TSL220 Datasheet HTML 4Page - Texas Instruments TSL220 Datasheet HTML 5Page - Texas Instruments TSL220 Datasheet HTML 6Page - Texas Instruments TSL220 Datasheet HTML 7Page - Texas Instruments TSL220 Datasheet HTML 8Page - Texas Instruments TSL220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSL220
LIGHT-TO-FREQUENCY CONVERTER
SOES003 – AUGUST 1990 – REVISED JUNE 1991
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Light
TSL220
I/f
Current to
Frequency
Converter
Photodiode
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
–25
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to GND (pin 5).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4
5
10
V
Output frequency, fo (C ≤ 100 pF)
750
kHz
Operating free-air temperature range, TA
–25
70
°C
electrical characteristics at VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOM
Peak output voltage
RL = 50 kΩ
3
4
V
ICC
Supply current
C = 100 pF,
Ee = 0
7.5
10
mA
operating characteristics at VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
Output frequency
Ee = 125 µW/cm2, λ = 880 nm, C = 100 pF
50
150
250
kHz
fo
Output frequency
Ee = 0,
C = 100 pF
0
1
50
Hz
tw
Output pulse duration
C = 470 pF
1
µs
tr
Output pulse rise time
C = 100 pF
20
ns
tf
Output pulse fall time
C = 100 pF
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com