Electronic Components Datasheet Search
  English  ▼

X  

TSL235 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL235
Description  LIGHT-TO-FREQUENCY CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL235 Datasheet(HTML) 2 Page - Texas Instruments

  TSL235 Datasheet HTML 1Page - Texas Instruments TSL235 Datasheet HTML 2Page - Texas Instruments TSL235 Datasheet HTML 3Page - Texas Instruments TSL235 Datasheet HTML 4Page - Texas Instruments TSL235 Datasheet HTML 5Page - Texas Instruments TSL235 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSL235
LIGHT-TO-FREQUENCY CONVERTER
SOES012 – SEPTEMBER 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5
6
V
Operating free-air temperature range, TA
–25
70
°C
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 4 mA
4
4.3
V
VOL
Low-level output voltage
IOL = 4 mA
0.17
0.26
V
IDD
Supply current
2
3
mA
Full-scale frequency‡
500
kHz
Temperature coefficient of output frequency
λ ≤ 700 nm, –25°C ≤ TA ≤ 70°C
±100
ppm/
°C
kSVS
Supply-voltage sensitivity
VDD = 5 V ±10%
0.5
%/ V
‡ Full-scale frequency is the maximum operating frequency of the device without saturation.
operating characteristics at VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fO
Output frequency
Ee = 375 µW/cm2, λp = 670 nm
200
250
300
kHz
fO
Output frequency
Ee = 0
0.25
10
Hz
Nonlinearity §
fO = 0 kHz to 10 kHz
±0.1%
%F.S.
Nonlinearity §
fO = 0 kHz to 100 kHz
±0.2%
%F.S.
Step response to full-scale step input
1 pulse of new
frequency plus 1
µs
‡ Full-scale frequency is the maximum operating frequency of the device without saturation.
§ Nonlinearity is defined as the deviation of fO from a straight line between zero and full scale, expressed as a percent of full scale.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com