Electronic Components Datasheet Search
  English  ▼

X  

HT82K95A Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
HT82K95E/HT82K95A
Rev. 1.20
7
October 24, 2005
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
4096
´15 bits, addressed by the program counter and ta-
ble pointer.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for program initialization. After
chip reset, the program always begins execution at lo-
cation 000H.
· Location 004H
This area is reserved for the USB interrupt service
program. If the USB interrupt is activated, the interrupt
is enabled and the stack is not full, the program begins
execution at location 004H.
· Location 008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program. If a timer interrupt results
from a Timer/Event Counter 0 overflow, and if the in-
terrupt is enabled and the stack is not full, the program
begins execution at location 008H.
· Location 00CH
This location is reserved for the Timer/Event Counter
1 interrupt service program. If a timer interrupt results
from a Timer/Event Counter 1 overflow, and the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 00CH.
· Table location
Any location in the program memory can be used as
look-up tables. There are three method to read the
ROM data by two table read instructions:
²TABRDC²
and
²TABRDL², transfer the contents of the
lower-order byte to the specified data memory, and
the higher-order byte to TBLH (08H).
The three methods are shown as follows:
¨ The instructions
²TABRDC [m]² (the current page,
one page=256words), where the table locations is
defined by TBLP (07H) in the current page. And the
ROM code option TBHP is disabled (default).
¨ The instructions
²TABRDC [m]², where the table lo-
cations is defined by registers TBLP (07H) and
TBHP (01FH). And the ROM code option TBHP is
enabled.
¨ The instructions
²TABRDL [m]², where the table lo-
cations is defined by Registers TBLP (07H) in the
last page (0F00H~0FFFH).
Only the destination of the lower-order byte in the ta-
ble is well-defined, the other bits of the table word are
transferred to the lower portion of TBLH, and the re-
maining 1-bit words are read as
²0². The Table
Higher-order byte register (TBLH) is read only. The ta-
ble pointer (TBLP, TBHP) is a read/write register (07H,
1FH), which indicates the table location. Before ac-
cessing the table, the location must be placed in the
TBLP and TBHP (If the OTP option TBHP is disabled,
the value in TBHP has no effect). The TBLH is read
only and cannot be restored. If the main routine and
the ISR (Interrupt Service Routine) both employ the
table read instruction, the contents of the TBLH in the
main routine are likely to be changed by the table read
instruction used in the ISR. Errors can occur. In other
words, using the table read instruction in the main rou-
tine and the ISR simultaneously should be avoided.
However, if the table read instruction has to be applied
in both the main routine and the ISR, the interrupt
should be disabled prior to the table read instruction.
1 5 b i t s
F F F H
n F F H
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
U S B I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n r a n g e s f r o m 0 t o F
0 0 C H
n 0 0 H
0 0 8 H
0 0 4 H
0 0 0 H
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t S u b r o u t i n e
Program Memory
Instruction
Table Location
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note: *11~*0: Table location bits
P11~P8: Current program counter bits when TBHP is disabled
@7~@0: Table pointer bits
TBHP register bit3~bit0 when TBHP is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com