Electronic Components Datasheet Search
  English  ▼

X  

739655 Datasheet(PDF) 2 Page - KATHREIN Solutions GmbH

Part # 739655
Description  Panel Dual Polarization Half-power Beam Width
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KATHREIN [KATHREIN Solutions GmbH]
Direct Link  https://www.kathrein-solutions.com
Logo KATHREIN - KATHREIN Solutions GmbH

739655 Datasheet(HTML) 2 Page - KATHREIN Solutions GmbH

  739655 Datasheet HTML 1Page - KATHREIN Solutions GmbH 739655 Datasheet HTML 2Page - KATHREIN Solutions GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note:
As a result of more stringent legal regulations and judgements regarding product liability, we are
obliged to point out certain risks that may arise when products are used under extraordinary operating
conditions.
The mechanical design is based on the environmental conditions as stipulated in ETS 300 019-1-4, which
includes the static mechanical load imposed on an antenna by wind at maximum velocity.
Extraordinary operating conditions, such as heavy icing or exceptional dynamic stress (e.g. strain caused by
oscillating support structures), may result in the breakage of an antenna or even cause it to fall to the ground.
These facts must be considered during the site planning process.
The installation team must be properly qualified and also be familiar with the relevant national safety
regulations.
The details given in our data sheets have to be followed carefully when installing the antennas and
accessories.
The limits for the coupling torque of RF-connectors, recommended by the connector manufacturers
must be obeyed.
Any previous datasheet issues have now become invalid.
Material:
Reflector screen: Weather-proof aluminum.
Fiberglass housing: It covers totally the internal antenna components.
The special design reduces the sealing areas to a minimum and
guarantees the best weather protection. Fiberglass material guarantees
optimum performance with regards to stability, stiffness, UV resistance
and painting. The colour of the radome is light grey.
All screws and nuts: Stainless steel.
Grounding:
The metal parts of the antenna including the mounting kit and the inner
conductors are DC grounded.
Environmental conditions: Kathrein cellular antennas are designed to operate under the environ-
mental conditions as described in ETS 300 019-1-4 class 4.1 E.
The antennas exceed this standard with regard to the following items:
– Low temperature: –55 °C
– High temperature (dry): +60 °C
Ice protection: Due to the very sturdy antenna construction and the
protection of the radiating system by the radome, the antenna remains
operational even under icy conditions.
Environmental tests:
Kathrein antennas have passed environmental tests as recommended
in ETS 300 019-2-4. The homogenous design of Kathrein’s antenna
families use identical modules and materials. Extensive tests have been
performed on typical samples and modules.
For downtilt mounting use the clamps for an appropriate mast diameter together with the downtilt kit.
Wall mounting: No additional mounting kit needed.
Accessories (order separately)
731 651
1 clamp
Mast: 28 – 64 mm diameter
330 g
2
738 546
1 clamp
Mast: 50 – 115 mm diameter
1.0 kg
2
850 10002
1 clamp
Mast: 110 – 220 mm diameter
2.7 kg
2
850 10003
1 clamp
Mast: 210 – 380 mm diameter
4.8 kg
2
733 677
1 clamp
Mast: 60 – 115 mm diameter
2.0 kg
2
733 678
1 clamp
Mast: 115 – 210 mm diameter
2.6 kg
2
733 679
1 clamp
Mast: 210 – 380 mm diameter
4.0 kg
2
733 680
1 clamp
Mast: 380 – 521 mm diameter
5.3 kg
2
737 975
1 downtilt kit
Downtilt angle: 0° – 11°
2.8 kg
1
Type No.
Description
Remarks
Weight
Units per
approx.
antenna
-45°
+45°
58
262
64
72
Bottom view
Accessories
General Information
Page 2 of 2
739 655
KATHREIN-Werke KG . Anton-Kathrein-Straße 1 – 3 . P.O. Box 10 04 44 . 83004 Rosenheim . Germany . Phone +49 8031 184-0 . Fax +49 8031 184-973
Internet: http://www.kathrein.de



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com