Electronic Components Datasheet Search
  English  ▼

X  

HT82M99AE Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82M99AE
Description  USB Mouse Encoder 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99AE Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82M99AE Datasheet HTML 35Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 36Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 37Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 38Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 39Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 40Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 41Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 42Page - Holtek Semiconductor Inc HT82M99AE Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
SET [m]
Set data memory
Description
Each bit of the specified data memory is set to 1.
Operation
[m]
¬ FFH
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SET [m]. i
Set bit of data memory
Description
Bit i of the specified data memory is set to 1.
Operation
[m].i
¬ 1
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SIZ [m]
Skip if increment data memory is 0
Description
The contents of the specified data memory are incremented by 1. If the result is 0, the fol-
lowing instruction, fetched during the current instruction execution, is discarded and a
dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with
the next instruction (1 cycle).
Operation
Skip if ([m]+1)=0, [m]
¬ ([m]+1)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SIZA [m]
Increment data memory and place result in ACC, skip if 0
Description
The contents of the specified data memory are incremented by 1. If the result is 0, the next
instruction is skipped and the result is stored in the accumulator. The data memory re-
mains unchanged. If the result is 0, the following instruction, fetched during the current in-
struction execution, is discarded and a dummy cycle is replaced to get the proper
instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle).
Operation
Skip if ([m]+1)=0, ACC
¬ ([m]+1)
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
SNZ [m].i
Skip if bit i of the data memory is not 0
Description
If bit i of the specified data memory is not 0, the next instruction is skipped. If bit i of the data
memory is not 0, the following instruction, fetched during the current instruction execution,
is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Other-
wise proceed with the next instruction (1 cycle).
Operation
Skip if [m].i
¹0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
HT82M99EE/HT82M99AE
Rev. 1.00
39
February 8, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com