Electronic Components Datasheet Search
  English  ▼

X  

600232 Datasheet(PDF) 76 Page - KATHREIN Solutions GmbH

Part # 600232
Description  Information about KATHREIN Broadcast
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KATHREIN [KATHREIN Solutions GmbH]
Direct Link  https://www.kathrein-solutions.com
Logo KATHREIN - KATHREIN Solutions GmbH

600232 Datasheet(HTML) 76 Page - KATHREIN Solutions GmbH

Back Button 600232 Datasheet HTML 72Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 73Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 74Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 75Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 76Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 77Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 78Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 79Page - KATHREIN Solutions GmbH 600232 Datasheet HTML 80Page - KATHREIN Solutions GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
76
Omnidirectional Antenna
Polarization
174–240 MHz
V
•Omnidirectional antenna for top mounting.
B
Order No.
75010365
75010366
75010367
75010368
Input
7-16 female
⅞ʺ EIA flange
13-30 female 1⅝ʺ EIA flange
Max. power
2 kW
3 kW
5 kW
8 kW
Frequency range
174 – 240 MHz
VSWR
< 1.2
Gain (at mid-band)
4.5 dBd
Impedance
50 Ω
Polarization
Vertical
Weight
80 kg
Wind load (at 160 km/h)
1080 N
Max. wind velocity
225 km/h
Material:
Hot-dip galvanized steel.
Weather protection: Fiberglass.
Mounting:
On top of a suitable flange.
Grounding:
Via mounting parts.
Ice protection:
Even under icy conditions the antenna is still functional due
to the fiberglass covers for the feeding points.
Note:
Antenna may be mounted on top of Type 16911184 for higher
gain.
For climbing in the antenna special climbing rungs and attach-
ment points for climbing safety are provided.
Reflector grid and dipole parts must not be used for climbing!
Radiation Patterns (at mid-band)
10
3
0
10
3
0
30°
Horizontal Radiation Pattern
Vertical Radiation Pattern
Electrical downtilt: 2.0°
A: ~ 2625 mm
B: ~ 900 mm
C: ~ 870 mm
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com