Electronic Components Datasheet Search
  English  ▼

X  

HT95CXXX Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT95CXXX
Description  CID Type Phone 8-Bit MCU
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95CXXX Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT95CXXX Datasheet HTML 9Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 10Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 11Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 12Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 13Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 14Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 15Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 16Page - Holtek Semiconductor Inc HT95CXXX Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
HT95CXXX
Rev. 1.50
13
May 26, 2005
BP
(RAM Bank)
Address
Function
Description
Supported for HT95CXXX
400/P
300/P
200/P
Embedded Control Register
00H
20H
DTMFC
DTMF generator control register
ÖÖÖ
00H
21H
DTMFD
DTMF generator data register
ÖÖÖ
00H
22H
LINE
Line control register
ÖÖÖ
00H
24H
RTCC
Real time clock control register
ÖÖÖ
00H
26H
MODE
Operation mode control register
ÖÖÖ
00H
28H
LCDIO
LCD segment and I/O option register
ÖÖ
¾
00H
29H
FSKC
FSK decoder control register
ÖÖÖ
00H
2AH
FSKS
FSK decoder status register
ÖÖÖ
00H
2BH
FSKD
FSK packet data register
ÖÖÖ
00H
2DH
LCDC
LCD driver control register
ÖÖÖ
00H
2EH
PFDC
PFD control register
ÖÖÖ
00H
2FH
PFDD
PFD data register
ÖÖÖ
00H
34H
PF
Port F data register
Ö¾
¾
00H
35H
PFC
Port F control register
Ö¾
¾
00H
36H
PG
Port G data register
Ö¾
¾
00H
37H
PGC
Port G control register
Ö¾
¾
General Purpose RAM
00H
40H~FFH BANK0 RAM General purpose RAM space
ÖÖÖ
01H
40H~FFH BANK1 RAM General purpose RAM space
ÖÖÖ
02H
40H~FFH BANK2 RAM General purpose RAM space
ÖÖÖ
03H
40H~FFH BANK3 RAM General purpose RAM space
ÖÖÖ
04H
40H~FFH BANK4 RAM General purpose RAM space
ÖÖÖ
05H
40H~FFH BANK5 RAM General purpose RAM space
ÖÖÖ
06H
40H~FFH BANK6 RAM General purpose RAM space
ÖÖ
¾
07H
40H~FFH BANK7 RAM General purpose RAM space
ÖÖ
¾
08H
40H~FFH BANK8 RAM General purpose RAM space
ÖÖ
¾
09H
40H~FFH BANK9 RAM General purpose RAM space
ÖÖ
¾
0AH
40H~FFH BANK10 RAM General purpose RAM space
ÖÖ
¾
0BH
40H~FFH BANK11 RAM General purpose RAM space
Ö¾
¾
0CH
40H~FFH BANK12 RAM General purpose RAM space
Ö¾
¾
0DH
40H~FFH BANK13 RAM General purpose RAM space
Ö¾
¾
0EH
40H~FFH BANK14 RAM General purpose RAM space
Ö¾
¾
LCD RAM Display Memory
1BH
40H~9FH
LCD RAM
LCD RAM mapping space for COM0~COM15 (see
²LCD Driver² function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com