Electronic Components Datasheet Search
  English  ▼

X  

HT1650 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1650
Description  64x32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1650 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1650 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1650 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.7
¾
5.2
V
IDD1
Operating Current
3V
No load/LCD ON
On-chip RC oscillator
¾
150
250
mA
5V
¾
250
370
mA
IDD2
Operating Current
3V
No load/LCD ON
Crystal oscillator
¾
135
200
mA
5V
¾
200
300
mA
IDD11
Operating Current
3V
No load/LCD OFF
On-chip RC oscillator
¾
15
30
mA
5V
¾
50
70
mA
IDD22
Operating Current
3V
No load/LCD OFF
Crystal oscillator
¾
210
mA
5V
¾
310
mA
ISTB
Standby Current
3V
No load, Power down mode
¾¾
1
mA
5V
¾¾
2
mA
VIL
Input Low Voltage
3V
DB0~DB3, WR,CS,RD
0
¾
0.6
V
5V
0
¾
1.0
V
VIH
Input High Voltage
3V
DB0~DB3, WR,CS,RD
2.4
¾
3V
5V
4.0
¾
5V
IOL1
BZ, BZ, IRQ Sink Current
3V
VOL=0.3V
1.2
2.5
¾
mA
5V
VOL=0.5V
36
¾
mA
IOH1
BZ, BZ Source Current
3V
VOH=2.7V
-0.9
-1.8
¾
mA
5V
VOH=4.5V
-2
-4
¾
mA
IOL2
DB0~DB3 Sink Current
3V
VOL=0.3V
1.2
2.5
¾
mA
5V
VOL=0.5V
36
¾
mA
IOH2
DB0~DB3 Source Current
3V
VOH=2.7V
-0.9
-1.8
¾
mA
5V
VOH=4.5V
-2
-4
¾
mA
IOL3
LCD Common Sink Current
3V
VOL=0.3V
80
160
¾mA
5V
VOL=0.5V
180
360
¾mA
IOH3
LCD Common Source Current
3V
VOH=2.7V
-40
-80
¾mA
5V
VOH=4.5V
-90
-180
¾mA
IOL4
LCD Segment Sink Current
3V
VOL=0.3V
50
100
¾mA
5V
VOL=0.5V
120
240
¾mA
IOH4
LCD Segment Source Current
3V
VOH=2.7V
-30
-60
¾mA
5V
VOH=4.5V
-70
-140
¾mA
RPH
Pull-high Resistor
3V
DB0~DB3, WR,CS,RD
150
250
410
k
W
5V
60
125
210
k
W
HT1650
Rev. 1.20
5
November 10, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com