Electronic Components Datasheet Search
  English  ▼

X  

770776 Datasheet(PDF) 89 Page - KATHREIN Solutions GmbH

Part # 770776
Description  Information about KATHREIN Broadcast
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KATHREIN [KATHREIN Solutions GmbH]
Direct Link  https://www.kathrein-solutions.com
Logo KATHREIN - KATHREIN Solutions GmbH

770776 Datasheet(HTML) 89 Page - KATHREIN Solutions GmbH

Back Button 770776 Datasheet HTML 85Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 86Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 87Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 88Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 89Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 90Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 91Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 92Page - KATHREIN Solutions GmbH 770776 Datasheet HTML 93Page - KATHREIN Solutions GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
89
•All-purpose panel for mounting by fixations or to square steel
spines.
500
Order No.
601709
K733147
776165
776202
776167
Input
7-16 female
straight
7-16 female
elbow
⅞ʺ EIA flange
elbow
13-30 female
elbow
Max. power
1 kW
1 kW
1.5 kW
2 kW
(at 40 °C ambient temperature)
Frequency range
470 – 862 MHz
VSWR
< 1.12
Gain (at mid-band)
11 dBd
Impedance
50 Ω
Polarization
Vertical
Weight
12 kg
Wind load (at 160 km/h)
Frontal:
565 N
Rearside: 815 N
Lateral:
250 N
Max. wind velocity
240 km/h
Attachment
Bracket
Plate
Plate
Plate
Material:
Reflector screen and dipoles: Weather-resistant aluminum.
Protective cover: Fiberglass.
Attachment bracket: Hot-dip galvanized steel.
Attachment plate: Weather-resistant aluminum.
Radome color:
RAL 9016 (traffic white), other radome colors on request.
Mounting:
Attachment bracket: E.g. by using clamps 75310411–75310415 to
tubular masts of 40 – 521 mm diameter.
Attachment plate: Using M 8 x 35 screws (supplied) to suitable
attachment construction.
See chapter “Components” for optional mounting accessories
(please order separately).
Grounding:
Via mounting parts.
Ice protection:
The dipoles remain fully functioning even in icy conditions as the
fiberglass cover protects the whole antenna.
Vertical
polarization
UHF Panel
Polarization
470–862 MHz
V
Radiation Patterns (at mid-band)
3
10
0
62°
3
10
0
28°
Horizontal Radiation Pattern
Vertical Radiation Pattern
190
64
All dimensions in mm
Examples with different connectors and attachments:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com