Electronic Components Datasheet Search
  English  ▼

X  

2POSTRMKITMB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 2POSTRMKITMB
Description  2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

2POSTRMKITMB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  2POSTRMKITMB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 2POSTRMKITMB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
2-Post Rack-Mount Installation Kit for Select
Tripp Lite SmartOnline UPS Systems
MODEL NUMBER: 2POSTRMKITMB
Allows 2-post mounting of Maintenance Bypass versions of Tripp Lite Unity Power Factor Series UPS
systems.
Features
2-Post Rack-Mount Installation Kit for 4-Post Rack-Mount UPS SystemsThe 2POSTRMKITMB
enables 2-post rack mounting of select Tripp Lite SmartOnline® Unity Power Factor UPS systems.
Compatible UPS models with a detachable bypass PDU include SU5KRT3UHVMB, SU5KRT3UGMB,
SU5KRT3UHWMB, SU5KRT3UTFMB, SU6KRT3HVMB, SU6KRT3UXMB, SU6KRT3UGMB,
SU6KRT3UTFMB and SU6KRT3UHWMB. Note: The 3U step-down transformer included in the following
bundled UPS configurations requires a separate installation kit — 2POSTRMKITWM (sold separately) —
for 2-post mounting: SU5KRT3UTFMB and SU6KRT3UTFMB.
Heavy-Duty Steel ConstructionMounting brackets are constructed of heavy-duty steel to ensure a long
and reliable lifespan in your 2-post rack. The brackets support one 3U UPS system. Some mounting
hardware is included.
Highlights
Designed to fully integrate with
select UPS systems with a
detachable bypass PDU
q
Applications
Enable 2-post rack-mount
installation of select Tripp Lite
UPS systems with detachable
bypass PDU
q
System Requirements
Designed for use with the
following SmartOnline Unity
Power Factor UPS systems with
Detachable Bypass PDU:
SU5KRT3UHVMB,
SU5KRT3UGMB,
SU5KRT3UHWMB,
SU5KRT3UTFMB,
SU6KRT3HVMB,
SU6KRT3UXMB,
SU6KRT3UGMB,
SU6KRT3UTFMB,
SU6KRT3UHWMB
q
SU5KRT3UTFMB and
SU6KRT3UTFMB UPS systems
with 3U step-down transformer
also require 2POSTRMKITWM
(sold separately)
q
Package Includes
2POSTRMKITMB 2-Post Rack-
Mount Installation Kit
q
Installation instructions
q
OVERVIEW
UPC Code
037332242921
Accessory Type
Rackmount Kit
Accessory Class
UPS Accessories
PHYSICAL
Material of Construction
Steel
Shipping Dimensions (hwd / in.)
6.50 x 14.06 x 14.06
Shipping Weight (kg)
2.70
1 / 2


Similar Part No. - 2POSTRMKITMB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITHD TRIPPLITE-2POSTRMKITHD Datasheet
477Kb / 2P
2-Post Rack-Mount Installation Kit of 3U and Larger
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
More results

Similar Description - 2POSTRMKITMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP72V15-2U ETC2-BP72V15-2U Datasheet
477Kb / 4P
External 72V Rack/Tower Battery pack for select Tripp Lite UPS Systems
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
BP24V28-2U TRIPPLITE-BP24V28-2U Datasheet
157Kb / 3P
External 24V 2U Rack-mount Battery Pack for select Tripp Lite UPS Systems
BP24V36-2US TRIPPLITE-BP24V36-2US Datasheet
162Kb / 3P
External 24V 2U Rack-Mount Battery Pack for select Tripp Lite UPS Systems
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
RBC9-192 TRIPPLITE-RBC9-192 Datasheet
159Kb / 2P
UPS Replacement 192VDC Battery Cartridge Kit (2 sets of 8) for select Tripp Lite SmartOnline UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com