Electronic Components Datasheet Search
  English  ▼

X  

ICX404AL Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX404AL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX404AL Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX404AL Datasheet HTML 5Page - Sony Corporation ICX404AL Datasheet HTML 6Page - Sony Corporation ICX404AL Datasheet HTML 7Page - Sony Corporation ICX404AL Datasheet HTML 8Page - Sony Corporation ICX404AL Datasheet HTML 9Page - Sony Corporation ICX404AL Datasheet HTML 10Page - Sony Corporation ICX404AL Datasheet HTML 11Page - Sony Corporation ICX404AL Datasheet HTML 12Page - Sony Corporation ICX404AL Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ICX404AL
Image Sensor Characteristics Measurement Method
Measurement conditions
1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black (OB) level is used as the reference for the signal output, and the value measured at point [∗A] in the
drive circuit example is used.
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance: 706cd/m2, color temperature of 3200K halogen source) as a subject.
(Pattern for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut
filter and image at F8. The luminous intensity to the sensor receiving surface at this point is defined as the
standard sensitivity testing luminous intensity.
2) Standard imaging condition II:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted
to the value indicated in each testing item by the lens diaphragm.
1. Sensitivity
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/250s, measure the signal output (Vs) at the center of the screen and substitute the value into the following
formula.
2. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 10 times the intensity with the
average value of the signal output, 200mV, measure the minimum value of the signal output.
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to
500 times the intensity with average value of the signal output, 200mV. When the readout clock is stopped
and the charge drain is executed by the electronic shutter at the respective H blankings, measure the
maximum value YSm [mV] of the signal output and substitute the value into the following formula.
S = Vs
×
[mV]
60
250
Sm = 20
× log
[dB] (1/10V method conversion value)
××
500
1
200
VSm
10
1
– 9 –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com