Electronic Components Datasheet Search
  English  ▼

X  

ST7568 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # ST7568
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7568 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button ST7568 Datasheet HTML 49Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 50Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 51Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 52Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 53Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 54Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 55Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 56Page - List of Unclassifed Manufacturers ST7568 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
ST7565S
Ver 0.3c
53/73
2002/07/22
(23) Test
0
1
0
1
1
1
1
*
*
*
*
Command for IC test. Do not
use this command
C
CO
OM
MM
MA
AN
ND
D D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
Instruction Setup: Reference
(1) Initialization
Note: With this IC, when the power is applied, LCD driving non-selective potentials V2 and V3 (SEG pin) and V1 and V4 (COM
pin) are output through the LCD driving output pins SEG and COM. When electric charge is remaining in the smoothing
capacitor connecting between the LCD driving voltage output pins (V1 ~ V5) and the VDD pin, the picture on the display may
become totally dark instantaneously when the power is turned on. To avoid occurrence of such a failure, we recommend the
following flow when turning on the power.
1. When the built-in power is being used immediately after turning on the power:
Turn ON the power and keeping
the /RES pin = “L”.
* The target time of 5ms will result to vary depending on the panel characteristics and the capacitance of the smoothing
capacitor. Therefore, we suggest you to conduct an operation check using the actual equipment.
Notes: Refer to respective sections or paragraphs listed below.
*1: Description of functions; Resetting circuit
*2: Command description; LCD bias setting
*3: Command description; ADC selection
*4: Command description; Common output state selection
*5: Description of functions; Power circuit & Command description; Setting the built-in resistance radio for regulation of
When the power is stabilized
Release the reset state. (/RES pin = “H”)
This concludes the initialization
Function setup by command input
(User setup)
(16) Power control setting *7
Function setup by command input
(User setup)
(17) Setting the built-in resistance radio
for regulation of the V5 voltage *5
(18) Electronic volume control *6
Function setup by command input
(User setup)
(11) LCD bias setting *2
(8) ADC selection *3
(15) Common output state selection *4
Initialized state (Default) *1
Arrange to execute all the
procedures from releasing the
reset state through setting the
power control within 5ms.
(In case of other models)
execute the procedures from
turning on the power to setting
the power control in 5ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com