Electronic Components Datasheet Search
  English  ▼

X  

CEF02N6 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEF02N6
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEF02N6 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEF02N6 Datasheet HTML 1Page - Chino-Excel Technology CEF02N6 Datasheet HTML 2Page - Chino-Excel Technology CEF02N6 Datasheet HTML 3Page - Chino-Excel Technology CEF02N6 Datasheet HTML 4Page - Chino-Excel Technology CEF02N6 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.5A
1.5
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300 s, Duty Cycle 2%.
6-119
Figure 1. Output Characteristics
VDS, Drain-to-Source Voltage (V)
b
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS =25V, VGS =0V
f =1.0MHZ
250
P
F
50
P
F
P
F
30
3.0
2.5
2.0
1.5
1.0
0.5
0
02
4
6
8
10
12
VGS=10,9,8,7V
VGS=5V
VGS=6V
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
0.1
1
2
4
6
10
8
25 C
150 C
-55 C
1.VDS=40V
2.Pulse Test
CEF02N6
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com