Electronic Components Datasheet Search
  English  ▼

X  

ICS95V847 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS95V847
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V847 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS95V847 Datasheet HTML 1Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 2Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 3Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 4Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 5Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 6Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 7Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 8Page - Integrated Circuit Systems ICS95V847 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ICS95V847
0718D—04/08/05
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies.This is due to the formula: duty cycle=twH/tc, where
the cycle (tc) decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.5V+0.2V @ 25
oC
45
233
MHz
Application Frequency
Range
freqApp
2.5V+0.2V @ 25
oC
95
210
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
Switching Characteristics (see note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
tPLL
1
CLK_IN to any output
5.5
ns
Output enable time
tEN
PD# to any output
5
ns
Output disable time
tdis
PD# to any output
5
ns
Period jitter
Tjit (per)
100MHz to 200MHz
-30
30
ps
Half-period jitter
t(jit_hper)
100MHz to 200MHz
-75
30
ps
Input clock slew rate
tsl(i)
14
V/ns
Output clock slew rate
tsl(o)
12.5
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100MHz to 200MHz
60
ps
Phase error
t(phase error)
4
-50
0
50
ps
Output to Output Skew
Tskew
60
ps



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com