Electronic Components Datasheet Search
  English  ▼

X  

ICS570BI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS570BI
Description  Multiplier and Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570BI Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS570BI Datasheet HTML 1Page - Integrated Circuit Systems ICS570BI Datasheet HTML 2Page - Integrated Circuit Systems ICS570BI Datasheet HTML 3Page - Integrated Circuit Systems ICS570BI Datasheet HTML 4Page - Integrated Circuit Systems ICS570BI Datasheet HTML 5Page - Integrated Circuit Systems ICS570BI Datasheet HTML 6Page - Integrated Circuit Systems ICS570BI Datasheet HTML 7Page - Integrated Circuit Systems ICS570BI Datasheet HTML 8Page - Integrated Circuit Systems ICS570BI Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Multiplier and Zero Delay Buffer
MDS 570 I
6
Revision 030905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS570
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS570. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial version
0 to +70
°C
Ambient Operating Temperature, Industrial version
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature, Commercial version
0
70
°C
Ambient Operating Temperature, Industrial version
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
ICS570B
3.15
3.45
V
ICS570A
4.75
5.25
Operating Current
IDD
ICS570B
3.3 V, 50M input,
S1:0 = 11
16
mA
ICS570A
5.0 V, 50M input,
S1:0 = 11
25
mA
Input High Voltage
VIH
ICLK, FBIN
2
V
Input Low Voltage
VIL
ICLK, FBIN
0.8
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
(mid-level)
VIM
S0, S1
VDD/2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com