Electronic Components Datasheet Search
  English  ▼

X  

LM4730TA Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4730TA
Description  Stereo 14W Audio Power Amplifier with Mute and Standby Modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4730TA Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4730TA Datasheet HTML 5Page - National Semiconductor (TI) LM4730TA Datasheet HTML 6Page - National Semiconductor (TI) LM4730TA Datasheet HTML 7Page - National Semiconductor (TI) LM4730TA Datasheet HTML 8Page - National Semiconductor (TI) LM4730TA Datasheet HTML 9Page - National Semiconductor (TI) LM4730TA Datasheet HTML 10Page - National Semiconductor (TI) LM4730TA Datasheet HTML 11Page - National Semiconductor (TI) LM4730TA Datasheet HTML 12Page - National Semiconductor (TI) LM4730TA Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation vs
Output Power
1% THD (max), R
L =4
Ω, 80kHz BW
Power Dissipation vs
Output Power
1% THD (max), R
L =8
Ω, 80kHz BW
20059460
20059461
Crosstalk vs Frequency
±14V, P
O = 10W,
R
L =4
Ω, 80kHz BW
Crosstalk vs Frequency
±17V, P
O = 10W,
R
L =8
Ω, 80kHz BW
20059472
20059473
Mute Attenuation vs
Mute Pin Voltage
±17V, P
O = 1W,
R
L =8
Ω, 80kHz BW
Standby Attenuation vs
Standby Pin Voltage
±17V, P
O = 1W,
R
L =8
Ω, 80kHz BW
20059459
20059465
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com