Electronic Components Datasheet Search
  English  ▼

X  

LPS33K Datasheet(PDF) 15 Page - STMicroelectronics

Part # LPS33K
Description  MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LPS33K Datasheet HTML 11Page - STMicroelectronics LPS33K Datasheet HTML 12Page - STMicroelectronics LPS33K Datasheet HTML 13Page - STMicroelectronics LPS33K Datasheet HTML 14Page - STMicroelectronics LPS33K Datasheet HTML 15Page - STMicroelectronics LPS33K Datasheet HTML 16Page - STMicroelectronics LPS33K Datasheet HTML 17Page - STMicroelectronics LPS33K Datasheet HTML 18Page - STMicroelectronics LPS33K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
6
Register map
The following table provides a quick overview of the 8-bit registers embedded in the device.
Table 15. Registers address map
Name
Type
Register
Address
Default
Function and comment
Hex
Binary
Reserved
-
00-0E
-
Reserved
WHO_AM_I
R
0F
10110001
Who am I
CTRL_REG1
R/W
10
00000000
Control registers
CTRL_REG2
R/W
11
00010000
CTRL_REG3
R/W
12
00000000
Reserved
13-17
-
Reserved
RPDS_L
R/W
18
00000000
Pressure offset registers
RPDS_H
R/W
19
00000000
RES_CONF
R/W
1A
00000000
Resolution register
Reserved
-
1B-26
-
Reserved
STATUS
R
27
output
Status register
PRESS_OUT_XL
R
28
output
Pressure output registers
PRESS_OUT_L
R
29
output
PRESS_OUT_H
R
2A
output
TEMP_OUT_L
R
2B
output
Temperature output registers
TEMP_OUT_H
R
2C
output
Reserved
-
2D-32
-
Reserved
LPFP_RES
R
33
output
Filter reset register
Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to
the device.
To guarantee the proper behavior of the device, all register addresses not listed in the above table must not be
accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LPS33K
Register map
DS12817 - Rev 3
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com