Electronic Components Datasheet Search
  English  ▼

X  

STPS60A150CHR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS60A150CHR
Description  Rad-Hard 2 x 30 A - 150 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60A150CHR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS60A150CHR Datasheet HTML 1Page - STMicroelectronics STPS60A150CHR Datasheet HTML 2Page - STMicroelectronics STPS60A150CHR Datasheet HTML 3Page - STMicroelectronics STPS60A150CHR Datasheet HTML 4Page - STMicroelectronics STPS60A150CHR Datasheet HTML 5Page - STMicroelectronics STPS60A150CHR Datasheet HTML 6Page - STMicroelectronics STPS60A150CHR Datasheet HTML 7Page - STMicroelectronics STPS60A150CHR Datasheet HTML 8Page - STMicroelectronics STPS60A150CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1.4
Characteristics (curves)
Figure 2. Average forward current versus case
temperature (DC, per diode)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
IF(AV)(A)
Tc (°C)
Figure 3. Forward voltage drop versus forward current
(typical values, per diode)
0.1
1.0
10.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I (A)
F
V (V)
F
Tj = 25 °C
Tj = 150 °C
Tj = 125 °C
Tj = 75 °C
Figure 4. Reverse leakage current versus reverse voltage
(typical values, per diode)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
10 20
30
40
50 60
70
80
90 100 110 120 130 140 150
IR(µA)
V (V)
R
Tj = 125 °C
Tj = 150 °C
Tj = 100 °C
Tj = 50 °C
Tj = 25 °C
Tj = 75 °C
Figure 5. Relative variation of Zth(j-c) versus pulse
duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Zth(j-c)/Rth(j-c)
tp(s)
Single pulse
Figure 6. Junction capacitance versus reverse voltage (typical values, per diode)
10
100
1000
1
10
100
1000
C(pF)
F = 1 MHz
V
= 30 mV
OSC
RMS
Tj = 25 °C
V (V)
R
STPS60A150CHR
Characteristics (curves)
DS12256 - Rev 6
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com