Electronic Components Datasheet Search
  English  ▼

X  

FHY Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # FHY
Description  FHY CONNECTOR 0.5mm pitch/Connectors for FPC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FHY Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  FHY Datasheet HTML 1Page - JST Mfg. Co., Ltd. FHY Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FHY CONNECTOR
0.5mmピッチ
C
4
A
B
0.5
Material and Finish
Contact: Copper alloy, nickel-undercoated, gold-plated (nickel-stripe)
Housing: Heat resisting resin, UL94V-0, natural
Solder tab: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Cover: Heat resisting resin, UL94V-0, black
Circuits
Model No.
Dimensions (mm)
AB
Q'ty/
reel
10
18
28
30
35
40
50
60
10FHY-RSM1-GAN-TF
18FHY-RSM1-GAN-TF
28FHY-RSM1-GAN-TF
30FHY-RSM1-GAN-TF
35FHY-RSM1-GAN-TF
40FHY-RSM1-GAN-TF
50FHY-RSM1-GAN-TF
60FHY-RSM1-GAN-TF
4.5
8.5
13.5
14.5
17.0
19.5
24.5
29.5
8.0
12.0
17.0
18.0
20.5
23.0
28.0
33.0
C
8.7
12.7
17.7
18.7
21.2
23.7
28.7
33.7
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
±
0.05
0.5(N+1)−0.2
±
0.03
0.5(N−1)
±
0.05
0.5(N+1)
±
0.05
0.5(N+1)+1.4
±
0.03
0.5
±
0.07
0.5
±
0.07
0.5
±
0.03
0.35
±
0.03
0.3
R0.2
Reinforcing layer
±
0.03
0.5(N−1)
±
0.05
0.5(N+1)
±
0.03
0.5
±
0.07
0.5
±
0.07
0.5
±
0.03
0.35
±
0.03
0.3
Reinforcing layer
RoHS compliance
This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for tin-plated products.
0.5mmピッチ
Connector
Lead section dimensions of FPC
Note: N --- Number of circuits



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com