Electronic Components Datasheet Search
  English  ▼

X  

SAN Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # SAN
Description  SAN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SAN Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SAN Datasheet HTML 1Page - JST Mfg. Co., Ltd. SAN Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SAN CONNECTOR
2.0mm pitch/Board-in Crimp style connectors
2 ±0.05
1.6 min
3.25
1.85
Measuring 2.0mm in pitch, 6.0mm in
mounting height, and 3.25mm in thickness,
this board-in connector meets the needs
for high-density mounting on printed circuit
boards efficiently and economically.
The connector is ideal for VCRs, car stereo
systems, audio products and many other
consumer oriented electronic products.
• Compact
• Housing lances
• Easy mounting onto printed circuit boards
• Two types of contacts
Specifications –––––––––––––––––––
• Current rating: 2A AC, DC (AWG #24)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 800V AC/minute
• Applicable wire: AWG #30 to #24
• Applicable PC board thickness:
Type A contact: 1.2mm, 1.6mm
Type B contact: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Note: 1. The above figure is the figure viewed from soldering side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
*Type A 0.8
+0.1
-0.05
dia.
*Type B 2 to 7 circuits: 0.75
±0.05 dia.
8 to 15 circuits: 0.85
±0.05 dia.
3. Hole dimensions differ according to the kind of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.


Similar Part No. - SAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAN-002T-0.8A ETC2-SAN-002T-0.8A Datasheet
232Kb / 8P
Crimping tools and machines
SAN-002T-0.8K ETC2-SAN-002T-0.8K Datasheet
232Kb / 8P
Crimping tools and machines
logo
Eravant
SAN-06I06I-S1 ERAVANT-SAN-06I06I-S1 Datasheet
388Kb / 4P
WR-06 Inline Rotary Joint, 110 to 170 GHz, Rectangular Waveguide
Rev 1.0
SAN-06I06R-S1 ERAVANT-SAN-06I06R-S1 Datasheet
376Kb / 4P
WR-06 L Style Rotary Joint, 110 to 170 GHz, Rectangular Waveguide
Rev 1.0
SAN-06R06I-S1 ERAVANT-SAN-06R06I-S1 Datasheet
379Kb / 4P
WR-06 L Style Rotary Joint, 110 to 170 GHz, Rectangular Waveguide
Rev 1.0
More results

Similar Description - SAN

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
2.0mm pitch/Crimp style wire-to-wire connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com