Electronic Components Datasheet Search
  English  ▼

X  

2P-SAN Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # 2P-SAN
Description  SAN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

2P-SAN Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  2P-SAN Datasheet HTML 1Page - JST Mfg. Co., Ltd. 2P-SAN Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
2
2
SAN CONNECTOR
SAN-002T-0.8A
SAN-002T-0.8K
AP-K2N
MKS-L
*MKS-SC
MK/SAN-002-08
SC/SAN-002-08
APLMK SAN002-08
APLSC SAN002-08
Material and Finish
Model No.
Applicable wire
Q’ty/ reel
mm2
AWG #
Insulation O.D.(mm)
14,000
Brass, tin-plated (reflow treatment)
SAN-002T-0.8A
SAN-002T-0.8K
A
B
0.05∼0.22
30∼24
0.9∼1.3
Type
B
A
2
3.25
Circuits
Model No.
Dimensions (mm)
Q'ty /
bag
AB
Material
PA 66, UL94V-0, yellow
2
3
4
5
6
7
8
9
10
11
12
13
14
15
2P-SAN
3P-SAN
4P-SAN
5P-SAN
6P-SAN
7P-SAN
8P-SAN
9P-SAN
10P-SAN
11P-SAN
12P-SAN
13P-SAN
14P-SAN
15P-SAN
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
5.2
7.2
9.2
11.2
13.2
15.2
17.2
19.2
21.2
23.2
25.2
27.2
29.2
31.2
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
2
1.6
3.1
9
1.8
3.1
9
RoHS compliance
Note: Contact JST if you require shielded wires, thin wires or other special
wires.
Type A
Type B
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
2P-SAN-o-
(blank)…yellow K…black W…white R…red
Contact
Crimping
machine Crimp applicator
Dies
Crimp applicator with dies
Applicator
Note: *Strip-crimp applicator
Contact
Housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com